Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833MG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV833MG
Description  High Voltage EL Lamp Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG Datasheet(HTML) 2 Page - Supertex, Inc

  HV833MG Datasheet HTML 1Page - Supertex, Inc HV833MG Datasheet HTML 2Page - Supertex, Inc HV833MG Datasheet HTML 3Page - Supertex, Inc HV833MG Datasheet HTML 4Page - Supertex, Inc HV833MG Datasheet HTML 5Page - Supertex, Inc HV833MG Datasheet HTML 6Page - Supertex, Inc HV833MG Datasheet HTML 7Page - Supertex, Inc HV833MG Datasheet HTML 8Page - Supertex, Inc HV833MG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV833
Symbol
Parameter
Min
Typ
Max
Units
Conditions
R
DS(on)
On-resistance of switching transistor
4.0
Ω
I=100mA
VCs
Max. output regulation voltage
80
90
100
V
VDD=1.8V to 6.5V
VA-B
Max. of differential output voltage
160
180
200
V
VDD=1.8V to 6.5V
across lamp
I
DDQ
Quiescent V
DD supply current
100
nA
R
SW-osc = Low
IDD
Input current going into the VDD pin
150
µAVDD=1.8V to 6.5V. See Figure 1.
IIN
Input current including inductor current
56
64
mA
VIN=3.3V. See Figure 1.
V
CS
Output voltage on V
CS
63
72
81
V
V
IN=3.3V. See Figure 1.
fEL
VA-B output drive frequency
240
270
300
Hz
VIN=3.3V. See Figure 1.
fSW
Switching transistor frequency
55
65
75
KHz
VIN=3.3V. See Figure 1.
D
Switching transistor duty cycle
88
%
See figure 1.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VDD
Supply voltage
1.8
6.5
V
f
EL
V
A-B output drive frequency
60
1000
Hz
TA
Operating temperature
-25
85
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
EN-L
Logic input low voltage
0
0.5
V
VDD=1.8V to 6.5V
EN-H
Logic input high voltage
VDD-0.5
VDD
VVDD=1.8V to 6.5V
Enable/Disable Function Table
Absolute Maximum Ratings*
Supply Voltage, V
DD
-0.5V to +7.5V
Output Voltage, V
Cs
-0.5V to +100V
Operating Temperature Range
-25° to +85°C
Storage Temperature Range
-65°C to +150°C
MSOP-8 Power Dissipation
300mW
Note:
*All voltages are referenced to GND.
Pin Configuration
ςΑ
VDD
VA
R
SW-osc
V
B
R
EL-osc
C
S
Gnd
LX
1
2
3
4
8
7
6
5
MSOP-8
Top View
Package Options
Device
MSOP-8
Die
HV833
HV833MG*
HV833X
* Product supplied on 2500 piece carrier tape reels.
Ordering Information
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A=25°C)
Enable/Disable Table
(See Typical Application on Front Page)
RSW resistor
HV833
V
DD
Enable
0V
Disable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com