Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833MG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV833MG
Description  High Voltage EL Lamp Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG Datasheet(HTML) 3 Page - Supertex, Inc

  HV833MG Datasheet HTML 1Page - Supertex, Inc HV833MG Datasheet HTML 2Page - Supertex, Inc HV833MG Datasheet HTML 3Page - Supertex, Inc HV833MG Datasheet HTML 4Page - Supertex, Inc HV833MG Datasheet HTML 5Page - Supertex, Inc HV833MG Datasheet HTML 6Page - Supertex, Inc HV833MG Datasheet HTML 7Page - Supertex, Inc HV833MG Datasheet HTML 8Page - Supertex, Inc HV833MG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HV833
Block Diagram
Switch
Osc
C
+
_
Vref
Disable
Output
Osc
GND
VDD
Q
Q
Q
VA
CS
LX
VB
Q
RSW-OSC
REL-OSC
Vsen
Device
Lamp Size
VIN
IIN
VCS
fEL
Brightness
TA
HV833MG
10 in2
3.3V
56mA
72V
270Hz
5.0ft-lm
-25°C to +85°C
Typical Performance
Figure 1: Typical Application
* Lx = 220µH Murata LQH43MN221K01
29nF
+
_
0.01
µF
100V
1
2
3
4
8
6
5
HV833MG
7
VIN
VDD
RSW-osc
REL-osc
Gnd
LX
CS
VB
VA
LX*
220
µH
1N914
4.7
µF
1.65M
1.0M
VDD
Enable Signal
ON=VDD
OFF=0
VDD=VIN=3.3V
680
Equivalent to
10in2 lamp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com