Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833MG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV833MG
Description  High Voltage EL Lamp Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG Datasheet(HTML) 1 Page - Supertex, Inc

  HV833MG Datasheet HTML 1Page - Supertex, Inc HV833MG Datasheet HTML 2Page - Supertex, Inc HV833MG Datasheet HTML 3Page - Supertex, Inc HV833MG Datasheet HTML 4Page - Supertex, Inc HV833MG Datasheet HTML 5Page - Supertex, Inc HV833MG Datasheet HTML 6Page - Supertex, Inc HV833MG Datasheet HTML 7Page - Supertex, Inc HV833MG Datasheet HTML 8Page - Supertex, Inc HV833MG Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
HV833
HV833
High Voltage EL Lamp Driver
Features
❏ 1.8V to 6.5V operating supply voltage
❏ DC to AC conversion
❏ Separately adjustable lamp and converter frequency
❏ Output voltage regulation
❏ Enable/disable function
❏ Patented output timing for high efficiency
❏ <100nA shutdown current
❏ Split supply capability
❏ LCD backlighting
General Description
The Supertex HV833 is a high voltage driver designed for driving
EL lamps of up to 35nF (10-12in2). The input supply voltage
range is from 1.8V to 6.5V. The device uses a single inductor and
a minimum number of passive components. The nominal
regulated output voltage that is applied to the EL lamp is ±90V.
The chip can be enabled/disabled by connecting the resistor on
R
SW-OSC to VDD/ground.
The HV833 has two internal oscillators, a switching MOSFET,
and a high voltage EL lamp driver. The frequency for the
switching MOSFET is set by an external resistor connected
between the R
SW-osc pin and the supply pin VDD. The EL lamp
driver frequency is set by an external resistor connected between
R
EL-osc pin and the VDD pin. An external inductor is connected
between the L
X and VDD or VIN pins. A 0.003-0.1µF capacitor is
connected between C
S and ground. The EL lamp is connected
between V
A and VB.
The switching MOSFET charges the external inductor and
discharges it into the capacitor at C
S. The voltage at CS will start
to increase. Once the voltage at C
S reaches a nominal value of
90V, the switching MOSFET is turned OFF to conserve power.
The outputs V
A and VB are configured as an H bridge and are
switching in opposite states to achieve 180V peak-to-peak
across the EL lamp.
Applications
❏ Portable Transceivers
❏ Remote Control Units
❏ Calculators
❏ PDAs
❏ Global Positioning Systems (GPS)
05/02/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Demo Kit
Available
EL Lamp
+
_
1
2
3
4
8
6
5
HV833MG
7
VIN
VDD
RSW-osc
REL-osc
Gnd
LX
CS
VB
VA
LX
VDD
Enable Signal
ON=VDD
OFF=0
1N914
Cs
100V
Typical Application


Similar Part No. - HV833MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV833MG SUTEX-HV833MG Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
More results

Similar Description - HV833MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com