Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 1 Page - Linear Technology

  LT1719CS6 Datasheet HTML 1Page - Linear Technology LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1719
TYPICAL APPLICATION
APPLICATIO S
DESCRIPTIO
FEATURES
OVERDRIVE (mV)
0
30
50
1719 TA02
10
20
40
8
7
6
5
4
3
2
1
0
25
°C
VSTEP = 100mV
V+= 5V
CLOAD = 10pF
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
s
UltraFast: 4.5ns at 20mV Overdrive
7ns at 5mV Overdrive
s
Low Power: 4.2mA at 3V
s
SOT-23 Package
s
Separate Input and Output Power Supplies
(SO-8 Only)
s
Output Optimized for 3V and 5V Supplies
s
TTL/CMOS Compatible Rail-to-Rail Output
s
Low Power Shutdown Mode: 0.1
µA
The LT
®1719 is an UltraFastTM comparator optimized for low
voltage operation. The input voltage range extends from
100mV below VEE to 1.2V below VCC. Internal hysteresis
makes the LT1719 easy to use even with slow moving input
signals. The rail-to-rail outputs directly interface to TTL and
CMOS. Alternatively the symmetric output drive can be
harnessed for analog applications or for easy translation to
other single supply logic levels. A shutdown control allows
for reduced power consumption and extended battery life in
portable applications.
The LT1719 is available in the SO-8 and 6-lead SOT-23
package. The SO-8 package has separate supplies which
allow flexible operation, accomodating separate analog input
ranges and output logic levels.
For a dual/quad comparator with similar performance, see
the LT1720/LT1721.
s
High Speed Differential Line Receiver
s
Crystal Oscillator Circuits
s
Level Translators
s
Threshold Detectors/Discriminators
s
Zero-Crossing Detectors
s
High Speed Sampling Circuits
s
Delay Lines
2.7V to 6V Crystal Oscillator with TTL/CMOS Output
Propagation Delay vs Overdrive
–
+
C1
LT1719
2.7V TO 6V
2k
620
Ω
220
Ω
1MHz TO 10MHz
CRYSTAL (AT-CUT)
2k
1719 TA01
0.1
µF
1.8k
OUTPUT
GROUND
CASE
4.5ns Single/Dual Supply
3V/5V Comparator with
Rail-to-Rail Output
, LTC and LT are registered trademarks of Linear Technology Corporation.
UltraFast is a trademark of Linear Technology Corporation.


Similar Part No. - LT1719CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719CS6 LINER-LT1719CS6 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
More results

Similar Description - LT1719CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com