Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 5 Page - Linear Technology

  LT1719CS6 Datasheet HTML 1Page - Linear Technology LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1719
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
6
8
30
NO LOAD
1719 G12
4
3
10
20
40
2
5
7
9
25
°C
+VS = 5V
CLOAD = 20pF
CLOAD = 10pF
Supply Current vs Frequency
Output High Voltage
vs Load Current
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
16
1719 G10
0.2
0.1
4
8
12
20
0.5
125
°C
25
°C
125
°C
VCC = 2.7V
+VS OR V
+ = 5V
VIN = –10mV
–55
°C
Output Low Voltage
vs Load Current
OUTPUT SOURCE CURRENT (mA)
0
– 0.4
– 0.2
0.0
16
1719 G11
– 0.6
– 0.8
–1.0
4
8
12
20
125
°C
–55
°C
25
°C
25
°C
VCC = 2.7V
+VS OR V
+= 5V
VIN = 10mV
SHDN PIN VOLTAGE (V)
VS –4
4
3
2
1
0
–50
–100
VS –3
VS –2
VS –1
VS
1719 G13a
TA = 25°C
VEE = GND
+VS = VCC = 5V
LT1719S8
IS
ICC
Shutdown Currents
vs Shutdown Voltage
Propagation Delay
vs Supply Voltage
Propagation Delay
vs Temperature
Propagation Delay
vs Load Capacitance
TEMPERATURE (
°C)
–50
7.5
25
1719 G08
6.0
5.0
–25
0
50
4.5
4.0
8.0
7.0
6.5
5.5
75
100
125
OVERDRIVE = 5mV
OVERDRIVE = 20mV
3V
5V
tPDLH
VCM = 1V
VSTEP = 100mV
CLOAD = 10pF
VEE OR V
– = GND
+VS = VCC = V
+
3V
5V
SUPPLY VOLTAGE, +VS = VCC OR V
+ (V)
2.5
4.0
3.5
5.5
5.0
tTPLH
tTPLH
tTPHL
tTPHL
4.5
4.0
5.0
1719 G09
3.0
3.5
4.5
5.5
6.0
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF
VEE/V
–= GND
VEE = –5V
(VCC, +VS = 5.5VMAX)
(LT1719S8 ONLY)
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
1719 G07
10
20
40
9
8
7
6
5
4
3
2
1
0
25
°C
VSTEP = 100mV
OVERDRIVE = 20mV
+VS = VCC OR V
+ = 5V
VEE OR V
– = 0V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
SHDN PIN VOLTAGE (V)
V+ –4
5
4
3
2
1
0
–50
–100
V+ –3
V+ –2
V+ –1
V+
1719 G13b
TA = 25°C
V+ = 5V
LT1719S6
Shutdown Currents
vs Shutdown Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com