Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 9Page - Linear Technology LT1719CS6 Datasheet HTML 10Page - Linear Technology LT1719CS6 Datasheet HTML 11Page - Linear Technology LT1719CS6 Datasheet HTML 12Page - Linear Technology LT1719CS6 Datasheet HTML 13Page - Linear Technology LT1719CS6 Datasheet HTML 14Page - Linear Technology LT1719CS6 Datasheet HTML 15Page - Linear Technology LT1719CS6 Datasheet HTML 16Page - Linear Technology LT1719CS6 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1719
APPLICATIONS INFORMATION
Of course, in the SO-8 package, if the VEE of the LT1719 is
the same as the ECL negative supply, the GND pin can be
tied to it as well and + VS grounded. Then the output stage
has the same power rails as the ECL and the circuits of
Figure 6b can be used.
For all the dividers shown, the output impedance is about
110
Ω.Thismakesthesefast,lessthanananosecond,with
most layouts. Avoid the temptation to use speedup capaci-
tors. Not only can they foul up the operation of the ECL gate
because of overshoots, they can damage the ECL inputs,
particularly during power-up of separate supply
configurations.
Similar circuits can be used with the emerging LVECL and
LVPECL standards.
The level translator designs shown assume one gate load.
Multiple gates can have significant IIH loading, and the
transmission line routing and termination issues also
make this case difficult.
ECL, and particularly PECL, is valuable technology for high
speed system design, but it must be used with care. With
less than a volt of swing, the noise margins need to be
evaluated carefully. Note that there is some degradation of
noise margin due to the
±5% resistor selections shown.
With 10KH/E, there is no temperature compensation of the
logic levels, whereas the LT1719 and the circuits shown
give levels that are stable with temperature. This will lower
the noise margin over temperature. In some configura-
tions it is possible to add compensation with diode or
transistor junctions in series with the resistors of these
networks.
For more information on ECL design, refer to the ECLiPS
data book (DL140), the 10KH system design handbook
(HB205) and PECL design (AN1406), all from Motorola,
now ON semiconductor.
Figure 6a shows the standard TTL to Positive ECL (PECL)
resistive level translator. This translator cannot be used for
the LT1719, or with CMOS logic, because it depends on the
820
Ωresistortolimittheoutputswing(VOH)oftheall-NPN
TTL gate with its so-called totem-pole output. The LT1719
is fabricated in a complementary bipolar process and the
output stage has a PNP driver that pulls the output nearly
all the way to the supply rail, even when sourcing 10mA.
Figure 6b shows a three resistor level translator for inter-
facing the LT1719 to ECL running off the same supply rail.
No pull-down on the output of the LT1719 is needed, but
pull-down R3 limits the VIH seen by the PECL gate. This is
needed because ECL inputs have both a minimum and
maximum VIH specification for proper operation. Resistor
values are given for both ECL interface types; in both cases
it is assumed that the LT1719 operates from the same
supply rail.
Figure 6c shows the case of translating to PECL from an
LT1719 powered by a 3V supply rail. Again, resistor values
are given for both ECL interface types. This time four re-
sistors are needed, although with 10KH/E, R3 is not needed.
In that case, the circuit resembles the standard TTL trans-
lator of Figure 6a, but the function of the new resistor, R4,
is much different. R4 loads the LT1719 output when high
so that the current flowing through R1 doesn’t forward
bias the LT1719’s internal ESD clamp diode. Although this
diode can handle 20mA without damage, normal opera-
tion and performance of the output stage can be impaired
above 100
µA of forward current. R4 prevents this with the
minimum additional power dissipation.
Finally, Figure 6d shows the case of driving standard,
negative-rail, ECL with the LT1719. Resistor values are
given for both ECL interface types and for both a 5V and 3V
LT1719 supply rail. Again, a fourth resistor, R4 is needed
to prevent the low state current from flowing out of the
LT1719, turning on the internal ESD/substrate diodes.
Resistor R4 again prevents this with the minimum addi-
tional power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com