Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4T Datasheet(PDF) 5 Page - Altech corporation

Part # CSC4T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC4T Datasheet(HTML) 5 Page - Altech corporation

  CSC4T Datasheet HTML 1Page - Altech corporation CSC4T Datasheet HTML 2Page - Altech corporation CSC4T Datasheet HTML 3Page - Altech corporation CSC4T Datasheet HTML 4Page - Altech corporation CSC4T Datasheet HTML 5Page - Altech corporation CSC4T Datasheet HTML 6Page - Altech corporation CSC4T Datasheet HTML 7Page - Altech corporation CSC4T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
DIN Rail
for ordering information
refer to page 62
Marking Tags
(MT Type)
CSCG2.5T
Spring Clamp Ground (Earth)
Terminal Blocks
Altech offers ‘Screwless’ Spring
Clamp Ground Terminal Blocks.
Specially designed alloy feet
helps inachieving very low con-
tact resistance and vibration
proof grounding.
CSCG series terminals can be
mounted on Din 35 rail along
with other terminal blocks of
CSC series. The terminal block
profile matches with that of CSC
terminal block of same wire size.
Special features of CSCG termi-
nal blocks are:
• Vibration proof grounding
• Very low contact resistance
because of special alloy feet
• Drop-on grounding connection
• Spring clamp to accept solid
and stranded wire
5 mm
36 x 58 mm
9 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
22-14 AWG 0.5-2.5 sq.mm 22-14 AWG
800 V
24 A
Cat. No.
Std. Pk.
CSCG2.5T
100
MT5
100
C US
CSCG4T
6 mm
42 x 65 mm
9 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
22-12 AWG
0.5-4 sq.mm
22-12 AWG
800 V
32 A
Cat. No.
Std. Pk.
CSCG4T
100
MT6
100
C US
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
56
*
UL & CSA pending.
*
*
E220514
E220514



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com