Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4T Datasheet(PDF) 2 Page - Altech corporation

Part # CSC4T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC4T Datasheet(HTML) 2 Page - Altech corporation

  CSC4T Datasheet HTML 1Page - Altech corporation CSC4T Datasheet HTML 2Page - Altech corporation CSC4T Datasheet HTML 3Page - Altech corporation CSC4T Datasheet HTML 4Page - Altech corporation CSC4T Datasheet HTML 5Page - Altech corporation CSC4T Datasheet HTML 6Page - Altech corporation CSC4T Datasheet HTML 7Page - Altech corporation CSC4T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
53
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
CSC2.5T1-2
CSC10T
CSC2.5T2-2
CSC4T1-2
5 mm
36 x 74 mm
9 mm
Polyamide 6.6
3 spring clamps & 2 slots for interconnection
22-14 AWG 0.5-2.5 sq.mm.
22-14 AWG
600V
750 V
600 V
20A
24 A
20 A
Cat. No.
Std. Pk.
CSC2.5T1-2
100
EPCSC2.5T1-2
50
CA702
50
CA802
50
CA801/1
100
CA801/1-3
100
CA901/1
100
MT5
100
5 mm
36 x 90 mm
9 mm
Polyamide 6.6
4 spring clamps & 2 slots for interconnection
22-14 AWG 0.5-2.5 sq.mm.
22-14 AWG
600V
750 V
600 V
20A
24 A
20 A
Cat. No.
Std. Pk.
CSC2.5T2-2
50
EPCSC2.5T2-2
50
CA702
50
CA802
50
CA801/1
100
CA801/1-3
100
CA901/1
100
MT5
100
6 mm
42 x 85 mm
9 mm
Polyamide 6.6
3 spring clamps & 2 slots for interconnection
22-12 AWG
0.5-4 sq.mm.
22-12 AWG
600V
750 V
600 V
25A
32 A
25 A
Cat. No.
Std. Pk.
CSC4T1-2
50
EPCSC4T1-2
50
CA702
50
CA802
50
CA801/2
100
CA801/2-3
100
CA901/2
100
MT6
100
10 mm
50 x 75 mm
12 mm
Polyamide 6.6
2 spring clamps & 2 slots for interconnection
16-6 AWG
1.5-10 sq.mm.
16-6AWG
600 V
800 V
600 V
65 A
57 A
65 A
Cat. No.
Std. Pk.
CSC10T
100
EPCSC10T
50
CA702
50
CA802
50
CA801/4
100
MT10
100
*
UL& CSA pending.
CUS
**
CUS
CUS
CUS
E220514
E220514
E220514
E220514



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com