Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC4T Datasheet(PDF) 4 Page - Altech corporation

Part # CSC4T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC4T Datasheet(HTML) 4 Page - Altech corporation

  CSC4T Datasheet HTML 1Page - Altech corporation CSC4T Datasheet HTML 2Page - Altech corporation CSC4T Datasheet HTML 3Page - Altech corporation CSC4T Datasheet HTML 4Page - Altech corporation CSC4T Datasheet HTML 5Page - Altech corporation CSC4T Datasheet HTML 6Page - Altech corporation CSC4T Datasheet HTML 7Page - Altech corporation CSC4T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Tyoe of fuse used
Fusion Voltage
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
End Plate
DIN Rail
for ordering information
refer to page 62
End Stop
for ordering information
refer to page 63
Insulated Jumper
(2 pole)
Marking Tags
(MT Type)
ASF4
Spring Clamp Fuse
Terminal Blocks
Altech offers ‘Screwless’ Spring
Clamp Fuse Terminal Blocks.
The terminal has a moving type
hinged carrier that has specially
designed space for cartridge
type glass fuse of size Ø 5 x 20
or Ø 5 x 25 mm. The fuse can
be engaged or disengaged by
the movement of the carrier.
Cross connection is possible
with specially designed push-in
type jumpers.
8 mm
60 x 80 mm
9 mm
Polyamide 6.6
2 spring clamps & 2 slots for interconnection
Ø5x20, Ø5x25mm
22-10 AWG
0.5-4 sq.mm
22-10 AWG
600 V
500 V
600 V
8 A
6.3 A
8 A
Cat. No.
Std. Pk.
ASF4
100
EPASF4
50
CA702
50
CA802
50
CA801/7
100
MT8
100
CUS
ASF4(L)*
8 mm
60 x 80 mm
9 mm
Polyamide 6.6
2 spring clamps & 2 slots for interconnection
Ø5x20, Ø5x25mm
24V AC/DC, 48V AC/DC
110V AC/DC, 220V AC
22-10 AWG
0.5-4 sq.mm
22-10 AWG
600 V
500 V
600 V
8 A
6.3 A
8 A
Cat. No.
Std. Pk.
ASF4(L)
100
EPASF4
50
CA702
50
CA802
50
CA801/7
100
MT8
100
CUS
55
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
1
UL & CSA pending.
*
Add required voltage to part number as a suffix. i.e. ASF4(L)/24 for 24V AC/DC.
11
1
1
*
COLOR BLOCKS
(other than grey standard)
When ordering please add
color suffix to Cat. No.
Example: CTS2.5U-N/R
Color
Ordering Suffix
Red
R
Blue
BU
Black
BL
Orange
O
Green
G
Yellow
Y
White
W
Beige
BG
Dark Brown
DB
E220514
E220514
NEW
DESIGN
NEW
DESIGN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com