Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 7Page - Linear Technology LT1952IGN Datasheet HTML 8Page - Linear Technology LT1952IGN Datasheet HTML 9Page - Linear Technology LT1952IGN Datasheet HTML 10Page - Linear Technology LT1952IGN Datasheet HTML 11Page - Linear Technology LT1952IGN Datasheet HTML 12Page - Linear Technology LT1952IGN Datasheet HTML 13Page - Linear Technology LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1952/LT1952-1
11
19521fd
OPERATION
catastrophic damage. Many converters solve this problem
by limiting the operational duty cycle of the MOSFET to
50% or less—or by using a fixed (non-adaptive) maximum
duty cycle clamp with very large voltage rated MOSFETs.
The LT1952/LT1952-1 provide a volt-second clamp to
allow MOSFET duty cycles well above 50%. This gives
greater power utilization for the MOSFET, rectifiers and
transformer resulting in less space for a given power
output. In addition, the volt-second clamp allows a reduced
voltage rating on the MOSFET resulting in lower RDSON
for greater efficiency. The volt-second clamp defines a
maximum duty cycle ‘guard rail’ which falls when system
input voltage increases.
The LT1952/LT1952-1 SD_VSEC and SS_MAXDC pins
provide a capacitorless, programmable volt-second clamp
solution. Some controllers with volt-second clamps control
switch maximum duty cycle by using an external capacitor
to program maximum switch ON time. Such techniques
have a volt-second clamp inaccuracy directly related to
the error of the external capacitor/pin capacitance and the
error/drift of the internal oscillator. The LT1952/LT1952-
1 use simple resistor ratios to implement a volt-second
clamp without the need for an accurate external capacitor
and with an order of magnitude less dependency on
oscillator error.
An increase of voltage at the SD_VSEC pin causes the
maximum duty cycle clamp to decrease. If SD_VSEC is
resistively divided down from transformer input voltage,
a volt-second clamp is realised. To adjust the initial
maximum duty cycle clamp, the SS_MAXDC pin voltage
is programmed by a resistor divider from the 2.5V VREF
pin to ground. An increase of programmed voltage on
SS_MAXDC pin provides an increase of switch maximum
duty cycle clamp.
Soft-Start
The LT1952/LT1952-1 provide true PWM soft-start by
using the SS_MAXDC pin to control soft-start timing. The
proportional relationship between SS_MAXDC voltage and
switch maximum duty cycle clamp allows the SS_MAXDC
pin to slowly ramp output voltage by ramping the maximum
switch duty cycle clamp—until switch duty cycle clamp
seamlessly meets the natural duty cycle of the converter.
A soft-start event is triggered whenever VIN is too low,
SD_VSEC is too low (UVLO), or a 107mV overcurrent
threshold at OC pin is exceeded. Whenever a soft-start
event is triggered, switching at SOUT and OUT is stopped
immediately.
The SS_MAXDC pin is discharged and only released for
charging when it has fallen below it’s reset threshold
of 0.45V and all faults have been removed. Increasing
voltage on the SS_MAXDC pin above 0.8V will increase
switch maximum duty cycle. A capacitor to ground on
the SS_MAXDC pin in combination with a resistor divider
from VREF, defines the soft-start timing.
Current Mode Topology (ISENSE Pin)
The LT1952/LT1952-1 current mode topology eases fre-
quency compensation requirements because the output
inductor does not contribute to phase delay in the regulator
loop. This current mode technique means that the error
amplifier (nonisolated applications) or the optocoupler
(isolated applications) commands current (rather than
voltage) to be delivered to the output. This makes frequency
compensation easier and provides faster loop response
to output load transients.
A resistor divider from the application’s output voltage
generates a voltage at the inverting FB input of the LT1952/
LT1952-1 error amplifier (or to the input of an external
optocoupler) and is compared to an accurate reference
(1.23V for LT1952/LT1952-1). The error amplifier output
(COMP) defines the input threshold (ISENSE) of the current
sense comparator. COMP voltages between 0.8V (active
threshold) and 2.5V define a maximum ISENSE threshold
from 0mV to 220mV. By connecting ISENSE to a sense
resistor in series with the source of an external power
MOSFET, the MOSFET peak current trip point (turn off)
can be controlled by COMP level and hence by the output
voltage. An increase in output load current causing the
output voltage to fall, will cause COMP to rise, increasing
ISENSE threshold, increasing the current delivered to the
output. For isolated applications, the error amplifier COMP
output can be disabled to allow the optocoupler to take
control. Setting FB = VREFdisablestheerroramplifierCOMP
output, reducing pin current to (COMP – 0.7)/40k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com