Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology LT1952IGN Datasheet HTML 22Page - Linear Technology LT1952IGN Datasheet HTML 23Page - Linear Technology LT1952IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT1952/LT1952-1
23
19521fd
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Bus Converter: Optimum Output Voltage Tolerance
The Bus Converter applications shown on page 1 and in
Figure 16, provide semi-regulated isolated outputs without
the need for an optocoupler, optocoupler driver, reference or
feedbacknetwork.TheLT1952/LT1952-1Volt-Secondclamp
adjusts switch duty cycle inversely proportional to input
voltage to provide an output voltage that is regulated against
input line variations. Some bus converters use a switch duty
cycle limit which causes output voltage variation of typically
±33% over a 2:1 input voltage range. The LT1952/LT1952-1
typically provide a
±10% output variation for the same input
variation. Typical output tolerance is further improved for the
LT1952 by inserting a resistor from the system input voltage
to the SS_MAXDC pin (Rx in Figure 19).
The LT1952/LT1952-1 electrical specifications for the OUT
Max Duty Cycle Clamp show typical switch duty cycle to
move from 72% to 33% for a 2x change of input voltage
(SS_MAXDC pin = 1.84V). Since output voltage regulation
follows VIN • Duty Cycle, a switch duty cycle change of
72% to 36% (for a 2x input voltage change) provides
minimal output voltage variation for the LT1952/LT1952-1
bus converter. To achieve this, an SS_MAXDC pin voltage
increase of 1.09x (36/33) would be required at high input
line. A resistor Rx inserted between the SS_MAXDC pin
and system input voltage (Figure 19) increases SS_MAXDC
voltage as input voltage increases, minimizing output
voltage variation over a 2:1 input voltage change.
The following steps determine values for Rx, RT and RB:
(1)Program switch duty cycle at minimum system input
voltage (VS(MIN))
(a)RT(1) = 10k (minimum allowed to still guarantee soft-
start pull-down)
APPLICATIONS INFORMATION
(b)Select switch duty cycle for the Bus Converter for a
given output voltage at VS(MIN)andcalculateSS_MAXDC
voltage (SS1) (See Applications Information “Program-
ming Maximum Duty Cycle Clamp”)
(c)Calculate RB(1) = [SS1/(2.5 – SS1)] • RT(1)
(2)Calculate Rx:
Rx = ([VS(MAX) – VS(MIN)]/[SS1 • (X – 1)]) • RTHEV(1)
RTHEV(1) = RB(1) • RT(1)/(RB(1) + RT(1)), X = ideal duty
cycle (VS(MAX))/actual duty cycle (VS(MAX))
(3)The addition of Rx causes an increase in the original
programmed SS_MAXDC voltage SS1. A new value for
RB(1)shouldbecalculatedtoprovidealowerSS_MAXDC
voltage (SS2) to correct for this offset:
(a)SS2 = SS1 – [(VS(MIN) – SS1) • RTHEV(1)/Rx]
(b)RB(2) = [SS2/(2.5 – SS2)] • RT(1)
(4)The thevinin resistance RTHEV(1) used to calculate Rx
should be re-established for RT and RB:
(a) RB (final value) = RB(2) • (RTHEV(1)/RTHEV(2))
(b) RT (final value) = RT(1) • (RTHEV(1)/RTHEV(2))
where RTHEV(2) = RB(2) • RT(1)/(RB(2) + RT(1))
Example:
For a Bus Converter running from 36V to 72V input,
VS(MIN) = 36V, VS(MAX) = 72V.
choose RT(1) = 10k, SS_MAXDC = SS1 = 1.84V (for 72%
duty cycle at VS(MIN) = 36V)
RB(1) = [1.84V/(2.5V – 1.84V)] • 10k = 28k
RTHEV(1) = [28k • 10k/(28k + 10k)] = 7.4k
SS_MAXDC correction = 36%/33% = 1.09
Rx = [(72V – 36V)/(1.84 • 0.09)] • 7.4k = 1.6M
SS2 = 1.84 – [(36V – 1.84) • 7.4k/1.6M] = 1.682V
RB(2) = [1.682/(2.5 – 1.682)] • 10k = 20.6k
RTHEV(2) = [20.6k • 10k/(20.6k + 10k)] = 6.7k
RTHEV(1)/RTHEV(2) = 7.4k/6.7k = 1.104
RB (final value) = 20.6k • 1.104 = 22.7k (choose 22.6k)
RT (final value) = 10k • 1.104 = 11k
SYSTEM
INPUT VOLTAGE
VOLT-SECOND
CLAMP INPUT
VOLT-SECOND
CLAMP ADJUST INPUT
1952 F19
SD_VSEC
SS_MAXDC
VREF
LT1952/
LT1952-1
R1
Rx
R2
RB
RT
Figure 19. Optimal Programming of Maximum Duty
Cycle Clamp for Bus Converter Applications (Adding Rx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com