Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1952IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LT1952IGN
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1952IGN Datasheet HTML 13Page - Linear Technology LT1952IGN Datasheet HTML 14Page - Linear Technology LT1952IGN Datasheet HTML 15Page - Linear Technology LT1952IGN Datasheet HTML 16Page - Linear Technology LT1952IGN Datasheet HTML 17Page - Linear Technology LT1952IGN Datasheet HTML 18Page - Linear Technology LT1952IGN Datasheet HTML 19Page - Linear Technology LT1952IGN Datasheet HTML 20Page - Linear Technology LT1952IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT1952/LT1952-1
17
19521fd
(A) VIN > 14.25* (7.75V LT1952-1), and
(B) SD_VSEC > 1.32V, and
(C) OC < 107mV, and
(D) SS_MAXDC < 0.45V (SS_MAXDC reset threshold)
*VIN>8.75V(6.5VLT1952-1)isokforlatchresetifthelatch
was only set by overcurrent condition in (3) above.
SS_MAXDC Discharge Timing
It can be seen in Figure 10 that two types of discharge
can occur for the SS_MAXDC pin. In timing (A) the fault
that caused the soft-start event has been removed before
SS_MAXDC falls to 0.45V. This means the soft-start
latch will be reset when SS_MAXDC falls to 0.45V and
SS_MAXDC will begin charging. In timing (B), the fault that
caused the soft-start event is not removed until some time
after SS_MAXDC has fallen past 0.45V. The SS_MAXDC
pin continues to discharge to 0.2V and remains low until
all faults are removed.
The time for SS_MAXDC to fall to a given voltage can be
approximated as:
SS_MAXDC (tFALL) =
(CSS/IDIS) • [SS_MAXDC(DC) – VSS(MIN)]
where:
IDIS = net discharge current on CSS
CSS = capacitor value at SS_MAXDC pin
SS_MAXDC(DC) = programmed DC voltage
VSS(MIN) = minimum SS_MAXDC voltage before
recharge
IDIS ~ 8e–4 + (VREF – VSS(MIN))[(1/2RB) – (1/RT)]
For faults arising from (1) and (2),
VREF = 100mV.
For a fault arising from (3),
VREF = 2.5V.
SS_MAXDC(DC) = VREF[RB/(RT + RB)]
VSS(MIN) = SS_MAXDC reset threshold = 0.45V
(if fault removed before tFALL)
APPLICATIONS INFORMATION
Example:
For an overcurrent fault (OC > 100mV), VREF = 2.5V,
RT = 35.7k, RB = 100k, CSS = 0.1μF and assume
VSS(MIN) = 0.45V,
IDIS ~ 8e–4 + (2.5 – 0.45)[(1/2 • 100k) – (1/35.7k)]
= 8e–4 + (2.05)(–0.23e–4) = 7.5e–4
SS_MAXDC(DC) = 1.84V
SS_MAXDC (tFALL) = (1e – 7/7.5e–4) • (1.84 – 0.45)
= 1.85e–4 s
If the OC fault is not removed before 185μs then SS_MAXDC
will continue to fall past 0.45V towards a new VSS(MIN).
The typical VOL for SS_MAXDC at 150μA is 0.2V.
SS_MAXDC Charge Timing
When all faults are removed and the SS_MAXDC pin
has fallen to its reset threshold of 0.45V or lower, the
SS_MAXDC pin will be released and allowed to charge.
SS_MAXDC will rise until it settles at its programmed DC
voltage—setting the maximum switch duty cycle clamp.
The calculation of charging time for the SS_MAXDC pin
between any two voltage levels can be approximated as
an RC charging waveform using the model shown in
Figure 11.
The ability to predict SS_MAXDC rise time between any two
voltages allows prediction of several key timing periods:
(1)No Switching Period
(time from SS_MAXDC(DC) to VSS(MIN) + time from
VSS(MIN) to VSS(ACTIVE))
(2)Converter Output Rise Time
(time from VSS(ACTIVE) to VSS(REG); VSS(REG) is the
level of SS_MAXDC where maximum duty cycle
clamp equals the natural duty cycle of the switch)
(3)Time For Maximum Duty Cycle Clamp within X% of
Target Value
The time for SS_MAXDC to charge to a given voltage VSS
is found by re-arranging:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com