Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136CPL Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7136CPL
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136CPL Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7136CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3-254
TELCOM SEMICONDUCTOR, INC.
TC7136
TC7136A
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
Figure 4. Conversion Timing During Normal Operation
System Timing
The oscillator frequency is divided by 4 prior to clocking
the internal decade counters. The four-phase measure-
ment cycle takes a total of 4000 counts, or 16,000 clock
Figure 5. Conversion Timing During Overrange Operation
DIGITAL SECTION
The TC7136/A contains all the segment drivers neces-
sary to directly drive a 3-1/2 digit LCD. An LCD backplane
driver is included. The backplane frequency is the external
clock frequency divided by 800. For three conversions per
second the backplane frequency is 60 Hz with a 5V nominal
amplitude. When a segment driver is in-phase with the
backplane signal, the segment is OFF. An out-of-phase
segment drive signal causes the segment to be ON, or
visible. This AC drive configuration results in negligible DC
voltage across each LCD segment, ensuring long LCD life.
The polarity segment driver is ON for negative analog inputs.
If VIN
+ and V
IN
– are reversed, this indicator would reverse.
On the TC7136/A, when the TEST pin is pulled to V+, all
segments are turned ON. The display reads –1888. During
this mode the LCD segments have a constant DC voltage
impressed. DO NOT LEAVE THE DISPLAY IN THIS MODE
FOR MORE THAN SEVERAL MINUTES. LCDS MAY BE
DESTROYED IF OPERATED WITH DC LEVELS FOR
EXTENDED PERIODS.
The display font and segment drive assignment are
shown in Figure 6.
pulses. The 4000-count cycle is independent of input signal
magnitude.
Each phase of the measurement cycle has the following
length:
(1) Auto-zero phase: 3000 to 2900 counts
(1200 to 11,600 clock pulses)
(2) Signal integrate:
1000 counts
(4000 clock pulses)
This time period is fixed. The integration period is:
tSI = 4000
,
where fOSC is the externally-set clock frequency.
(3) Reference integrate: 0 to 2000 counts
(4) Zero integrator: 11 to 640 counts
The TC7136 is a drop-in replacement for the TC7126
and ICL7126. The TC7136A offers a greatly-improved inter-
nal reference temperature coefficient. Minor component
value changes are required to upgrade existing designs and
improve the noise performance.
COMPONENT VALUE SELECTION
Auto-Zero Capacitor (CAZ)
The CAZ capacitor size has some influence on system
noise. A 0.47
µF capacitor is recommended for 200 mV full-
scale applications where 1 LSB is 100
µV. A 0.1 µF capacitor
is adequate for 2V full-scale applications. A Mylar-type
dielectric capacitor is adequate.
Reference Voltage Capacitor (CREF)
The reference voltage, used to ramp the integrator
Figure 6. Display FONT and Segment Assignment
1
fOSC
INT
DENT
ZI
AZ
4000
910–2900
1–2000
1000
11–140
AZ
4000
ZI
DEINT
INT
1000
2001–2090
31–640
300–910
DISPLAY FONT
1000's
100's
10's
1's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com