Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136CPL Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC7136CPL
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136CPL Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC7136CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3-251
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
GENERAL THEORY OF OPERATION
(All Pin designations refer to 40-Pin Dip)
Dual-Slope Conversion Principles
The TC7136/A is a dual-slope, integrating analog-to-
digital converter. An understanding of the dual-slope con-
version technique will aid in following detailed TC7136/A
operational theory.
The conventional dual-slope converter measurement
cycle has two distinct phases:
(1) Input signal integration
(2) Reference voltage integration (deintegration)
The input signal being converted is integrated for a fixed
time period (tSI), measured by counting clock pulses. An
opposite polarity constant reference voltage is then inte-
grated until the integrator output voltage returns to zero. The
reference integration time is directly proportional to the input
signal (tRI).
In a simple dual-slope converter, a complete conversion
requires the integrator output to "ramp-up" and "ramp-
down."
A simple mathematical equation relates the input signal,
reference voltage, and integration time:
TC7136/A PIN DESCRIPTION (Cont.)
Pin No.
40-Pin PDIP
Normal
(Reverse)
Name
Description
33
(8)
C
–
REF
See pin 34.
34
(7)
C
+
REF
A 0.1
µF capacitor is used in most applications. If a large common-mode
voltage exists (for example, the VIN– pin is not at analog common), and a 200
mV scale is used, a 1
µF capacitor is recommended and will hold the roll-over
error to 0.5 count.
35
(6)
V
–
REF
See pin 36.
(5)
V
–
REF
The analog input required to generate a full-scale output (1999 counts). Place
100 mV between pins 35 and 36 for 199.9 mV full scale. Place 1V between
pins 35 and 36 for 2V full scale. See paragraph on Reference Voltage.
36
(4)
TEST
Lamp test. When pulled HIGH (to V+) all segments will be turned ON and the
display should read –1888. It may also be used as a negative supply for exter-
nally-generated decimal points. See paragraph under Test for additional informa-
tion.
37
(3)
OSC3
See pin 40.
38
(2)
OSC2
See pin 40.
39
(1)
OSC1
Pins 40, 39 and 38 make up the oscillator section. For a 48 kHz clock (3 readings per
second) connect pin 40 to the junction of a 180 k
Ω resistor and a 50 pF capacitor. The
180 k
Ω resistor is tied to pin 39 and the 50 pF capacitor is tied to pin 38.
For a constant VIN:
VIN = VR
.
1VR tRI
RC
RC
VIN(t) dt =
,
tSI
where:
VR = Reference voltage
tSI = Signal integration time (fixed)
tRI = Reference voltage integration time (variable).
Figure 1. Basic Dual-Slope Converter
REF
VOLTAGE
ANALOG
INPUT
SIGNAL
DISPLAY
SWITCH
DRIVER
CONTROL
LOGIC
CLOCK
COUNTER
POLARITY CONTROL
PHASE
CONTROL
VIN
VIN
VFULL SCALE
1.2 VFULL SCALE
VARIABLE
REFERENCE
INTEGRATE
TIME
FIXED
SIGNAL
INTEGRATE
TIME
INTEGRATOR
CINT
COMPARATOR
tRI
tSI
[ ]
0
∫
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7136
TC7136A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com