Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136CPL Datasheet(PDF) 12 Page - TelCom Semiconductor, Inc

Part # TC7136CPL
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136CPL Datasheet(HTML) 12 Page - TelCom Semiconductor, Inc

Back Button TC7136CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7136CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3-258
TELCOM SEMICONDUCTOR, INC.
TC7136
TC7136A
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
Figure 11. Decimal Point and Annunciator Drives
Figure 13. Temperature Sensor
Figure 12. Low Parts Count Ratiometric Resistance
Measurement
TC7136
TC7136A
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
5.6 k
Ω
160 k
Ω
R2
20 k
Ω
1N4148
9V
R1
20 k
Ω
+
R3
0.7%/°C
PTC
TC7136
TC7136A
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
50 k
Ω
R2
160 k
Ω
300 k
Ω
300 k
Ω
R1
50 k
Ω
1N4148
SENSOR
9V
+
Ratiometric Resistance Measurements
The TC7136A's true differential input and differential
reference make ratiometric readings possible. In ratiometric
operation, an unknown resistance is measured with respect
to a known standard resistance. No accurately-defined
reference voltage is needed.
The unknown resistance is put in series with a known
standard and a current passed through the pair. The voltage
developed across the unknown is applied to the input and
the voltage across the known resistor applied to the refer-
ence input. If the unknown equals the standard, the display
will read 1000. The displayed reading can be determined
from the following expression:
Displayed reading =
× 1000.
The display will overrange for RUNKNOWN ≥
2
×RSTANDARD.
RUNKNOWN
RSTANDARD
VREF
+
VREF
–
VIN
+
VIN
–
ANALOG
COMMON
TC7136
TC7136A
LCD
RSTANDARD
RUNKNOWN
V
+
V+
V+
TC7136
TC7136A
V+
V+
TC7136
TC7136A
4049
4030
BP
TEST
BP
TEST
GND
GND
TO LCD
DECIMAL
POINT
TO LCD
BLACK
PLANE
TO LCD
DECIMAL
POINTS
DECIMAL
POINT
SELECT
21
37
Multiple Decimal Point or
Annunciator Driver
Simple Inverter for Fixed Decimal Point
or Display Annunciator
Figure 14. Positive Temperature Coefficient Resistor
Temperature Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com