Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962EPA Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC962EPA
Description  HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC962EPA Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC962EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-38
TELCOM SEMICONDUCTOR, INC.
HIGH CURRENT CHARGE PUMP
DC -TO-DC CONVERTER
TC962
ELECTRICAL CHARACTERISTICS: VDD = 15V, TA = +25°C (See Test Circuit), unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply Voltage
3
18
V
IS
Supply Current
RL = ∞
———
—
VDD = 15V
TA = +25°C
510
700
µA
0
≤ T
A ≤ +70°C
560
µA
–55
≤ T
A ≤ +125°C
650
µA
VDD = 5V
TA = +25°C
190
µA
0
≤ T
A < +70°C
210
µA
–55
≤ T
A ≤ +125°C
210
µA
RO
Output Source
IL = 20mA, VDD = 15V
—
32
37
Ω
Resistance
IL = 80mA, VDD = 15V
35
40
Ω
IL = 3mA, VDD = 5V
—
50
Ω
COSC
Oscillator Frequency
Pin 6 Open
—
12
—
kHz
Pin 6 GND
24
kHz
PEFF
Power Efficiency
VDD = 15V
93
97
—
%
RL = 2 kΩ
VDEF
Voltage Efficiency
VDD = 15V
99
99.9
—
%
RL = ∞
Over Temperature Range
96
—
%
VZ
Zener Voltage
IZ = 5mA
6.0
6.2
6.4
V
ZZT
Zener Impedance
IL = 2.5mA to 7.5mA
—
12
Ω
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD to GND) .................................. +18V
Input Voltage Any Pin ............... (VDD + 0.3) to (V SS – 0.3)
Current Into Any Pin ................................................. 10mA
ESD Protection .....................................................
±2000V
Output Short Circuit ................. Continuous (at 5.5V Input)
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Operating Temperature Range
CPA, COE ............................................. 0
°C to +70°C
IJA .................................................... – 25
°C to +85°C
EPA .................................................. – 40
°C to +85°C
MJA ................................................ – 55
°C to +125°C
Pin 1, which is used as a test pin on the 7662, is a voltage
reference zener on the TC962. This zener (6.4V at 5 mA) has
a dynamic impedance of 12
Ω and is intended for use where
the TC962 is supplying current to external regulator circuitry
and a reference is needed for the regulator circuit. (See
applications section.)
The TC962 is compatible with the LTC1044, SI7661,
and ICL7662. It should be used in designs that require
greater power and/or less input to output voltage drop. It
offers superior performance over the ICL7660S.
Package Power Dissipation (TA ≤ 70°C)
SOIC ............................................................... 760mW
PDIP ............................................................... 730mW
CerDIP ............................................................ 800mW
Package Thermal Resistance
CerDIP, RθJ-A ................................................ 90°C/W
PDIP, RθJ-A ................................................. 140°C/W
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com