Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962EPA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC962EPA
Description  HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC962EPA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC962EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-41
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL CHARACTERISTICS
700
600
500
400
300
200
100
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE (
°C)
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE (
°C)
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE (
°C)
Supply Current vs. Temperature
0
10k
1k
100
1
10
100
1000
10,000
CAPACITANCE (pF)
Oscillator Frequency vs. C
10
EXT
TA = +25°C
20
18
16
14
12
10
8
Frequency vs. Temperature
6
80
70
60
50
40
30
20
Output Resistance vs. Temperature
10
50
4.5
ZENER VOLTAGE (V)
Current vs. Zener Voltage
4.0
5.5
6.0
6.5
7.0
40
30
20
10
0
100
LOAD CURRENT (mA)
Power Conversion Efficiency vs. I
16
32
48
64
80
80
60
40
20
90
70
50
30
10
0
824
40
56
72
LOAD
150
120
90
60
30
135
105
75
45
15
0
100
INPUT VOLTAGE (V)
Output Resistance vs. Input Voltage
4
8
12
16
20
80
60
40
20
90
70
50
30
10
2
6
10
14
18
0
110
V = 15V
+
V = 15V
+
V = 5V I = 3mA
L
+
V = 15V I = 20mA
L
+
TA = +25°C
TA = +25°C
EFFICIENCY
SUPPLY
CURRENT
TA = +25°C
3mA
20mA
HIGH CURRENT CHARGE PUMP
DC -TO-DC CONVERTER
TC962



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com