Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962EPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC962EPA
Description  HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC962EPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC962EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-37
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
TC962
PIN CONFIGURATIONS (DIP and SOIC)
+
1
2
3
4
8
7
6
5
FREQ x 2
V
ZENER
CATHODE
GND
TC962CPA
TC962EPA
TC962IJA
TC962MJA
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
GND
COSC
NC
15
14
NC
NC
NC
TC962COE
NC
NC
C
–
C
DD
COSC
VOUT
ZENER
CATHODE
NC
+
C
–
C
VDD
FREQ x 2
VOUT
8-Pin CerDIP
8-Pin DIP
16-Pin SOIC Wide
•
+
–
COMPARATOR
WITH HYSTERESIS
C
F/F
Q
Q
VREF
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
VDD
P SW1
CAP
CP
EXTERNAL
N SW4
N SW2
N SW3
CAP
CR
EXT
RL
V
I
I
OSC/C
–
TIMING
ZENER
CATHODE
FREQ X 2
+
GND
–
OUT
8
2
3
OUT
5
4
7
1
6.4V
6
+
+
TC962
FEATURES
s
Pin Compatible With TC7662/ICL7662/SI7661
s
High Output Current ....................................... 80mA
s
No External Diodes Required
s
Wide Operating Range ............................. 3V to 18V
s
Low Output Impedance ............................. 28
Ω Typ.
s
No Low Voltage Terminal Required
s
Application Zener On Chip
s
OSC Frequency Doubling Pin Option for Smaller
Output Capacitors
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC962COE
16-Pin SOIC Wide
0
°C to +70°C
TC962CPA
8-Pin Plastic DIP
0
°C to +70°C
TC962EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC962IJA
8-Pin CerDIP
– 25
°C to +85°C
TC962MJA
8-Pin CerDIP
– 55
°C to +125°C
TC7660EV
Evaluation Kit for Charge Pump Family
GENERAL DESCRIPTION
The TC962 is an advanced version of the industry-
standard 7662 high-voltage DC-to-DC converter. Using
improved design techniques and CMOS construction, the
TC962 can source as much as 8mA versus the 7662’s
20mA capability.
As an inverter, the TC962 can put out voltages as high
as 18V and as low as 3V without the need for external
diodes. The output impedance of the device is a low 28
Ω
(with the proper capacitors), voltage conversion efficiency
is 99.9%, and power conversion efficiency is 97%.
The low voltage terminal (pin 6) required in some 7662
applications has been eliminated. Grounding this terminal
will double the oscillator frequency from 12kHz to 24kHz.
This will allow the use of smaller capacitors for the same
output current and ripple, in most applications. Only two
external capacitors are required for inverter applications. In
the event an external clock is needed to drive the TC962
(such as paralleling), driving this pin directly will cause the
internal oscillator to sync to the external clock.
FUNCTIONAL BLOCK DIAGRAM
EVALUATION
KIT
AVAILABLE
TC962-8 9/16/96


Similar Part No. - TC962EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC962EPA MICROCHIP-TC962EPA Datasheet
434Kb / 12P
High Current Charge Pump DC-to-DC Converter
2002
TC962EPA MICROCHIP-TC962EPA Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
TC962EPA MICROCHIP-TC962EPA Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
More results

Similar Description - TC962EPA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
High Current Charge Pump DC-to-DC Converter
2002
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com