Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSFW Datasheet(PDF) 2 Page - Allen-Bradley

Part # 2030-RLSFW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSFW Datasheet(HTML) 2 Page - Allen-Bradley

  2030-RLSFW Datasheet HTML 1Page - Allen-Bradley 2030-RLSFW Datasheet HTML 2Page - Allen-Bradley 2030-RLSFW Datasheet HTML 3Page - Allen-Bradley 2030-RLSFW Datasheet HTML 4Page - Allen-Bradley 2030-RLSFW Datasheet HTML 5Page - Allen-Bradley 2030-RLSFW Datasheet HTML 6Page - Allen-Bradley 2030-RLSFW Datasheet HTML 7Page - Allen-Bradley 2030-RLSFW Datasheet HTML 8Page - Allen-Bradley 2030-RLSFW Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Safety Isolation System
12-3
ElectroGuard
Overview
Principle of Operation
Optional Features
2IC
1IC
GC
Incoming
3 Phase
Power
H2
H1
X2
X1
Control Power
Disconnecting
Means/Branch
Circuit Protection ➊
Trans.
Grd
Voltage
Decay
Relays
(VDR)
To Motor
Controllers
Power Circuit
To Loads
After using the normal stopping
method of the machine or process,
the machine operator turns a
Remote Lockout Station handle
from the “On” to “Off ” position.
The station signals the isolation
contactors (1IC and 2IC) to drop
out and isolate the supply voltage
from the loads (see Control
Circuit).
When system residual voltage
decays to pre-determined levels,
the grounding contactor (GC) is
energized, connecting the load to
ground (see Power Circuit). The
grounding contactor (GC) is
electrically and mechanically
interlocked with the isolation
contactors (1IC and 2IC).
The “System Isolated” Light will
now illuminate on the Remote
Lockout Station to indicate the
system is isolated. The machine
operator then Locks-Out and
Tags-Out the station in the “Off ”
position.
Control Circuit
Remote Lockout Station
Off
On
Mechanically
Interlocked
1IC, 2IC, &
GC are
mechanically
and electrically
interlocked
System Isolated (*)
(*) = “On” when the Remote
Lockout Station switch is “Off”
GC
GC
2IC
1IC
VDR
2IC
1IC
GC
2
IC
1
IC
GC
➊ Available factory installed within the ElectroGuard as an option.
• Four (4) or ten (10) port Expansion Modules to permit additional Remote
Lockout Stations to be used (see page 12-16 for details).
• Pneumatic Isolation Module to isolate pneumatic energy (see page 12-15 for
details).
• Status communication to a remote PLC (see page 12-17 for details).
• Fusible disconnect switch (Bulletin 2032) or thermal-magnetic circuit breaker
(Bulletin 2033) to provide branch circuit protection.
Optional Pneumatic Isolation Module



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com