Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSFW Datasheet(PDF) 5 Page - Allen-Bradley

Part # 2030-RLSFW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSFW Datasheet(HTML) 5 Page - Allen-Bradley

  2030-RLSFW Datasheet HTML 1Page - Allen-Bradley 2030-RLSFW Datasheet HTML 2Page - Allen-Bradley 2030-RLSFW Datasheet HTML 3Page - Allen-Bradley 2030-RLSFW Datasheet HTML 4Page - Allen-Bradley 2030-RLSFW Datasheet HTML 5Page - Allen-Bradley 2030-RLSFW Datasheet HTML 6Page - Allen-Bradley 2030-RLSFW Datasheet HTML 7Page - Allen-Bradley 2030-RLSFW Datasheet HTML 8Page - Allen-Bradley 2030-RLSFW Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
12-14
Safety Isolation System
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Catalogue String to the end of the Cat. No. shown in the table:
Example: Catalogue Number 2033-C0180P
⊗-54K becomes Catalogue Number 2033-C0180P⊗-54K-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2033*-C0630P
⊗-58K becomes Catalogue Number 2033T-C0630P⊗-58K for a “Top Feed” input power requirement.
➊ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. Consult your local Rockwell Automation sales office for other time settings.
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating
(50Hz)
Catalogue Number ➊
230V 400V 500V 600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type Enclosure
(w/bussing)
IP 65 Enclosure
420
-200
-
-
2033-C0420P
⊗-61K
2033-C0420H
⊗-61K
2033-!0420H
⊗-61K
2033-C0420W
⊗-61K
-
220
220
-
2033-C0420P
⊗-62K
2033-C0420H
⊗-62K
2033-!0420H
⊗-62K
2033-C0420W
⊗-62K
--
250
-
2033-C0420P
⊗-63K
2033-C0420H
⊗-63K
2033-!0420H
⊗-63K
2033-C0420W
⊗-63K
--
300
-
2033-C0420P
⊗-64K
2033-C0420H
⊗-64K
2033-!0420H
⊗-64K
2033-C0420W
⊗-64K
-
-
-
355
2033-C0420P
⊗-65K
2033-C0420H
⊗-65K
2033-!0420H
⊗-65K
2033-C0420W
⊗-65K
-
-
-
390
2033-C0420P
⊗-66K
2033-C0420H
⊗-66K
2033-!0420H
⊗-66K
2033-C0420W
⊗-66K
-
-
-
425
2033-C0420P
⊗-67K
2033-C0420H
⊗-67K
2033-!0420H
⊗-67K
2033-C0420W
⊗-67K
630
150
-
-
-
2033*-C0630P
⊗-58K
2033*-C0630H
⊗-58K
2033-!0630H
⊗-58K
2033*-C0630W
⊗-58K
160
-
-
-
2033*-C0630P
⊗-59K
2033*-C0630H
⊗-59K
2033-!0630H
⊗-59K
2033*-C0630W
⊗-59K
185
-
-
-
2033*-C0630P
⊗-60K
2033*-C0630H
⊗-60K
2033-!0630H
⊗-60K
2033*-C0630W
⊗-60K
200
-
-
-
2033*-C0630P
⊗-61K
2033*-C0630H
⊗-61K
2033-!0630H
⊗-61K
2033*-C0630W
⊗-61K
-250
-
-
2033*-C0630P
⊗-63K
2033*-C0630H
⊗-63K
2033-!0630H
⊗-63K
2033*-C0630W
⊗-63K
-300
-
-
2033*-C0630P
⊗-64K
2033*-C0630H
⊗-64K
2033-!0630H
⊗-64K
2033*-C0630W
⊗-64K
-
355
355
-
2033*-C0630P
⊗-65K
2033*-C0630H
⊗-65K
2033-!0630H
⊗-65K
2033*-C0630W
⊗-65K
--
390
-
2033*-C0630P
⊗-66K
2033*-C0630H
⊗-66K
2033-!0630H
⊗-66K
2033*-C0630W
⊗-66K
-
-
450
450
2033*-C0630P
⊗-68K
2033*-C0630H
⊗-68K
2033-!0630H
⊗-68K
2033*-C0630W
⊗-68K
-
-
-
500
2033*-C0630P
⊗-69K
2033*-C0630H
⊗-69K
2033-!0630H
⊗-69K
2033*-C0630W
⊗-69K
860
250
-
-
-
2033*-C0860P
⊗-63K
2033*-C0860H
⊗-63K
2033-!0860H
⊗-63K
2033*-C0860W
⊗-63K
-450
-
-
2033*-C0860P
⊗-68K
2033*-C0860H
⊗-68K
2033-!0860H
⊗-68K
2033*-C0860W
⊗-68K
-
500
500
-
2033*-C0860P
⊗-69K
2033*-C0860H
⊗-69K
2033-!0860H
⊗-69K
2033*-C0860W
⊗-69K
-
-
560
560
2033*-C0860P
⊗-70K
2033*-C0860H
⊗-70K
2033-!0860H
⊗-70K
2033*-C0860W
⊗-70K
-
-
-
600
2033*-C0860P
⊗-71K
2033*-C0860H
⊗-71K
2033-!0860H
⊗-71K
2033*-C0860W
⊗-71K
1200
300
-
-
-
2033*-C1200P
⊗-64K
2033*-C1200H
⊗-64K
2033-!1200H
⊗-64K
2033*-C1200W
⊗-64K
390
-
-
-
2033*-C1200P
⊗-66K
2033*-C1200H
⊗-66K
2033-!1200H
⊗-66K
2033*-C1200W
⊗-66K
-
600
600
-
2033*-C1200P
⊗-71K
2033*-C1200H
⊗-71K
2033-!1200H
⊗-71K
2033*-C1200W
⊗-71K
-
710
710
710
2033*-C1200P
⊗-72K
2033*-C1200H
⊗-72K
2033-!1200H
⊗-72K
2033*-C1200W
⊗-72K
-
-
750
750
2033*-C1200P
⊗-73K
2033*-C1200H
⊗-73K
2033-!1200H
⊗-73K
2033*-C1200W
⊗-73K
-
-
850
850
2033*-C1200P
⊗-74K
2033*-C1200H
⊗-74K
2033-!1200H
⊗-74K
2033*-C1200W
⊗-74K
-
-
888
888
2033*-C1200P
⊗-75K
2033*-C1200H
⊗-75K
2033-!1200H
⊗-75K
2033*-C1200W
⊗-75K
-
-
-
1043
2033*-C1200P
⊗-76K
2033*-C1200H
⊗-76K
2033-!1200H
⊗-76K
2033*-C1200W
⊗-76K
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com