Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2030-RLSFW Datasheet(PDF) 3 Page - Allen-Bradley

Part # 2030-RLSFW
Description  ElectroGuard
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSFW Datasheet(HTML) 3 Page - Allen-Bradley

  2030-RLSFW Datasheet HTML 1Page - Allen-Bradley 2030-RLSFW Datasheet HTML 2Page - Allen-Bradley 2030-RLSFW Datasheet HTML 3Page - Allen-Bradley 2030-RLSFW Datasheet HTML 4Page - Allen-Bradley 2030-RLSFW Datasheet HTML 5Page - Allen-Bradley 2030-RLSFW Datasheet HTML 6Page - Allen-Bradley 2030-RLSFW Datasheet HTML 7Page - Allen-Bradley 2030-RLSFW Datasheet HTML 8Page - Allen-Bradley 2030-RLSFW Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12-12
Safety Isolation System
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Cat. No. 2033-!0085J
⊗-44 becomes Cat. No. 2033-M0085J⊗-44 for “600A Line Side Incoming Bus and Outgoing Power Cables” bussing designation.
⊗ Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2033-A0085J
⊗-44 becomes Catalogue Number 2033-A0085JB-44 for a 480V 60Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➋
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
➊ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➋ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
➌ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. See page 12-14 for instructions on how to order the optional time delay feature. Consult your local Rockwell Automation sales office for other time settings.
Type of Bussing ➊
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
M
1200A Line Side Incoming Bus and Outgoing Power Cables
S
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
F
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
B
Input Line Voltage
208V 60Hz
240V 60Hz
480V 60Hz
600V 60Hz
Voltage Code for Catalogue Number
HA
B
C
“System Isolated” Light
Colour
Catalogue Number
Type 1 General Purpose
Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight
Painted Steel Enclosure
Type 4X Watertight
Stainless Steel Enclosure
White
2030-RLSAW
2030-RLSJW
2030-RLSFW
2030-RLSCW
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating
(50Hz)
Catalogue Number ➌
230V
400V
500V
600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type Enclosure
(w/bussing)
IP 65 Enclosure
23
4444
2033-C0023P
⊗-39K
2033-C0023H
⊗-39K
2033-!0023H
⊗-39K
2033-C0023W
⊗-39K
5.5
5.5
5.5
5.5
2033-C0023P
⊗-40K
2033-C0023H
⊗-40K
2033-!0023H
⊗-40K
2033-C0023W
⊗-40K
7.5
7.5
7.5
7.5
2033-C0023P
⊗-41K
2033-C0023H
⊗-41K
2033-!0023H
⊗-41K
2033-C0023W
⊗-41K
-
111111
2033-C0023P
⊗-42K
2033-C0023H
⊗-42K
2033-!0023H
⊗-42K
2033-C0023W
⊗-42K
43
11
---
2033-C0043P
⊗-42K
2033-C0043H
⊗-42K
2033-!0043H
⊗-42K
2033-C0043W
⊗-42K
13
13
13
13
2033-C0043P
⊗-43K
2033-C0043H
⊗-43K
2033-!0043H
⊗-43K
2033-C0043W
⊗-43K
-
151515
2033-C0043P
⊗-44K
2033-C0043H
⊗-44K
2033-!0043H
⊗-44K
2033-C0043W
⊗-44K
-
18.5
18.5
18.5
2033-C0043P
⊗-45K
2033-C0043H
⊗-45K
2033-!0043H
⊗-45K
2033-C0043W
⊗-45K
-
222222
2033-C0043P
⊗-46K
2033-C0043H
⊗-46K
2033-!0043H
⊗-46K
2033-C0043W
⊗-46K
85
15
---
2033-C0085P
⊗-44K
2033-C0085H
⊗-44K
2033-!0085H
⊗-44K
2033-C0085W
⊗-44K
18.5
---
2033-C0085P
⊗-45K
2033-C0085H
⊗-45K
2033-!0085H
⊗-45K
2033-C0085W
⊗-45K
22
---
2033-C0085P
⊗-46K
2033-C0085H
⊗-46K
2033-!0085H
⊗-46K
2033-C0085W
⊗-46K
25
25
25
25
2033-C0085P
⊗-47K
2033-C0085H
⊗-47K
2033-!0085H
⊗-47K
2033-C0085W
⊗-47K
-
323232
2033-C0085P
⊗-48K
2033-C0085H
⊗-48K
2033-!0085H
⊗-48K
2033-C0085W
⊗-48K
-
373737
2033-C0085P
⊗-49K
2033-C0085H
⊗-49K
2033-!0085H
⊗-49K
2033-C0085W
⊗-49K
-
454545
2033-C0085P
⊗-50K
2033-C0085H
⊗-50K
2033-!0085H
⊗-50K
2033-C0085W
⊗-50K
110
32
---
2033-C0110P
⊗-48K
2033-C0110H
⊗-48K
2033-!0110H
⊗-48K
2033-C0110W
⊗-48K
-
555555
2033-C0110P
⊗-51K
2033-C0110H
⊗-51K
2033-!0110H
⊗-51K
2033-C0110W
⊗-51K
-
-
63
63
2033-C0110P
⊗-52K
2033-C0110H
⊗-52K
2033-!0110H
⊗-52K
2033-C0110W
⊗-52K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com