Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-PBF Datasheet(PDF) 17 Page - Linear Technology

Part # LT3592IMSE-PBF
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-PBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3592IMSE-PBF Datasheet HTML 13Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 14Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 15Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 16Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 17Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 18Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 19Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 20Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT3592
17
3592fa
APPLICATIONS INFORMATION
Figure 9. A Well Chosen Input Network Prevents Input Voltage Overshoot and
Ensures Reliable Operation When the LT3592 is Connected to a Live Supply
+
+
LT3592
VIN
GND
LT3592
VIN
GND
1μF
VIN
20V/DIV
IIN
10A/DIV
5μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
LOW
IMPEDANCE
ENERGIZED
32V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
+
2.2μF
10μF
35V
2.2μF
0.1μF
1Ω
3493 F09
VIN
20V/DIV
IIN
10A/DIV
5μs/DIV
VIN
20V/DIV
IIN
10A/DIV
5μs/DIV
LT3592
VIN
GND
+
+
+
(9a)
(9b)
(9c)
Figure 8. Circuit to Address Reversed Input and Backpowering Issues
VIN
GND
FB
SHDNB
SW
D4
VIN
LT3592
3592 F08
VOUT
BACKUP
D4: MBR0540
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com