Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-PBF Datasheet(PDF) 20 Page - Linear Technology

Part # LT3592IMSE-PBF
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-PBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3592IMSE-PBF Datasheet HTML 16Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 17Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 18Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 19Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 20Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 21Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 22Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 23Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT3592
20
3592fa
APPLICATIONS INFORMATION
Figure 12. Switching Transient When Going from 50mA to 500mA Current and Back in Voltage Mode
Higher Output Voltages
At higher output voltages, the choice of output capacitor
becomes especially critical. Many small case size ceramic
capacitors lose much of their rated capacitance well below
their maximum voltage capability. If a capacitor with a
lower voltage rating is found to not be stable in a design,
it will often result in a smaller solution to choose a larger
capacitor value of the same voltage rating than to choose
one of the same capacitance and higher voltage rating. For
example, a 10μF, 10V ceramic capacitor might be smaller
than a 4.7μF, 16V part, if a 4.7μF, 10V capacitor is found
to not be adequate in a given application. The LT3592 can
tolerate sustained output voltages of up to 20V.
Transient Performance with Voltage Control Loop
The voltage control loop transient characteristics are similar
to, but not identical to the current control loop. Figure 12
shows the transient for a 12V input application running at
900kHz with a 6.8μH inductor and a 4.7μF ceramic output
capacitor. The LT3592 is in BRIGHT (500mA) mode but
the current load is switched from 50mA to 450mA and
back, so the current control loop is not active for either
current level and the output voltage is regulated through
the resistive voltage divider to the FB pin.
Other Linear Technology Publications
Application Notes AN19, AN35, and AN44 contain more
detailed descriptions and design information for Step-down
regulators and other switching regulators. The LT1376 data
sheet has an extensive discussion of output ripple, loop
compensation, and stability testing. Design Note DN100
shows how to generate a bipolar output supply using a
Step-down regulator.
10μs/DIV
VSW
10V/DIV
3592 F12
VOUT
1V/DIV
ILED
200mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com