Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3592IMSE-PBF
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT3592IMSE-PBF Datasheet HTML 1Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 2Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 3Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 4Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 5Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 6Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 7Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 8Page - Linear Technology LT3592IMSE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3592
4
3592fa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency (2 Red LEDS,
L = 10μH, 900kHz)
Efficiency (1 Red LED,
L = 6.8μH, 900kHz)
Efficiency (2 Red LEDs,
L = 22μH, 400kHz)
Minimum VIN for 500mA Output
Current vs VOUT, L = 22μH,
f = 400kHz (LED Loads)
Minimum VIN for 500mA Output
Current vs VOUT, L = 6.8μH,
f = 900kHz (LED Loads)
Switch Voltage Drop
vs Switch Current
Switch Voltage Drop at 500mA
vs Temperature
(TA = 25°C, unless otherwise noted)
INPUT VOLTAGE (V)
4
100
95
90
60
50
75
70
65
80
85
55
45
40
20
12
24
3592 G01
28
16
8
BRIGHT (500mA)
INPUT VOLTAGE (V)
4
100
95
90
60
50
75
70
65
80
85
55
45
40
20
12
24
3592 G02
28
16
8
BRIGHT (500mA)
INPUT VOLTAGE (V)
4
100
95
90
60
75
70
65
80
85
55
50
20
12
24
3592 G03
28
16
8
BRIGHT (500mA)
INPUT VOLTAGE (V)
2
12
11
10
4
7
6
5
8
9
3
2
8
3592 G05
12
10
46
INPUT VOLTAGE (V)
2
12
11
10
4
7
6
5
8
9
3
2
8
3592 G06
12
10
46
SWITCH CURRENT (mA)
0
500
450
400
100
250
200
150
300
350
50
0
600
3592 G08
800
700
100 200 300 400 500
TEMPERATURE (°C)
–50
400
375
300
350
325
275
250
100
3592 G09
150
050
Efficiency (2 Red LEDs,
L = 4.7μH, 2.2MHz)
Minimum VIN for 500mA Output
Current vs VOUT, L = 22μH,
f = 400kHz (LED Loads)
INPUT VOLTAGE (V)
4
100
95
90
60
75
70
65
80
85
55
50
20
12
24
3592 G04
28
16
8
BRIGHT (500mA)
INPUT VOLTAGE (V)
2
12
11
10
4
7
6
5
8
9
3
2
8
3592 G07
16
10
12
14
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com