Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1041CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1041CS8
Description  BANG-BANG Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1041CS8 Datasheet HTML 1Page - Linear Technology LTC1041CS8 Datasheet HTML 2Page - Linear Technology LTC1041CS8 Datasheet HTML 3Page - Linear Technology LTC1041CS8 Datasheet HTML 4Page - Linear Technology LTC1041CS8 Datasheet HTML 5Page - Linear Technology LTC1041CS8 Datasheet HTML 6Page - Linear Technology LTC1041CS8 Datasheet HTML 7Page - Linear Technology LTC1041CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1041
1
1041fa
s
Micropower 1.5
µW (1 Sample/Second)
s
Wide Supply Range 2.8V to 16V
s
High Accuracy
Guaranteed SET POINT Error
±0.5mV Max
Guaranteed Deadband
±0.1% of Value Max
s
Wide Input Voltage Range V+ to Ground
s
TTL Outputs with 5V Supply
s
Two
Independent Ground-Referred Control Inputs
s
Small Size 8-Pin SO
The LTC
®1041 is a monolithic CMOS BANG-BANG
controller manufactured using Linear Technology’s
enhanced LTCMOS™ silicon gate process. BANG-BANG
loops are characterized by turning the control element
fully ON or fully OFF to regulate the average value of
the parameter to be controlled. The SET POINT input
determines the average control value and the DELTA input
sets the deadband. The deadband is always 2 x DELTA and
is centered around the SET POINT. Independent control
of the SET POINT and deadband, with no interaction, is
made possible by the unique sampling input structure of
the LTC1041.
An external RC connected to the OSC pin sets the sampling
rate. At the start of each sample, internal power to the
analog section is switched on for
≈ 80µs. During this time,
the analog inputs are sampled and compared. After the
comparison is complete, power is switched off. This
achieves extremely low average power consumption
at low sampling rates. CMOS logic holds the output
continuously while consuming virtually no power.
To keep system power at an absolute minimum, a switched
power output (VP-P) is provided. External loads, such as
bridge networks and resistive dividers, can be driven by
this switched output.
The output logic sense (i.e., ON = V+) can be reversed
(i.e., ON = GND) by interchanging the VIN and SET POINT
inputs. This has no other effect on the operation of
the LTC1041.
BANG-BANG Controller
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
APPLICATIO S
DESCRIPTIO
s
Temperature Control (Thermostats)
s
Motor Speed Control
s
Battery Charger
s
Any ON-OFF Control Loop
LTCMOS is a trademark of Linear Technology Corporation.
Ultralow Power 50
°F to 100°F (2.4µW) Thermostat
Supply Current vs Sampling Frequency
TYPICAL APPLICATIO
1N4002
(4)
0.1
µF
26V AC 2-WIRE THERMOSTAT
4.32k
5k
6.81k
49.9
Ω
ALL RESISTORS 1%.
YELLOW SPRINGS INSTRUMENT CO., INC. P/N 44007.
DRIVING THERMISTOR WITH VP-P ELIMINATES 3.8°F ERROR DUE TO SELF-HEATING
4.99k
1
µF
6V
+
10M
LTC1041 • TA01
56
Ω
IS
400nA
8
7
6
5
1
2
3
4
DELTA = 0.5
°F
2N6660
†
†
LTC1041
SAMPLING FREQUENCY, fS (Hz)
0.1
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
LTC1041 • TA02
10000
VS = 6V
TOTAL SUPPLY
CURRENT
LTC1041 SUPPLY
CURRENT


Similar Part No. - LTC1041CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1041C LINER-LTC1041C Datasheet
569Kb / 8P
BANG-BANG Controller
LTC1041CN8 LINER-LTC1041CN8 Datasheet
569Kb / 8P
BANG-BANG Controller
More results

Similar Description - LTC1041CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1041 LINER-LTC1041 Datasheet
569Kb / 8P
BANG-BANG Controller
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
CONTROLLER
logo
Linear Technology
LTC1041 LINER-LTC1041_15 Datasheet
177Kb / 8P
BANG-BANG Controller
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
Controller for Controller for Adapters
March, 2018 ??Rev. 2
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
Controller
logo
Future Technology Devic...
AN232R-01 FTDI-AN232R-01 Datasheet
254Kb / 13P
Bit Bang Modes for the FT232R and FT245R
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
Controller
5226780 FESTO-5226780 Datasheet
76Kb / 2P
Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com