Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1041CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1041CS8
Description  BANG-BANG Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1041CS8 Datasheet HTML 1Page - Linear Technology LTC1041CS8 Datasheet HTML 2Page - Linear Technology LTC1041CS8 Datasheet HTML 3Page - Linear Technology LTC1041CS8 Datasheet HTML 4Page - Linear Technology LTC1041CS8 Datasheet HTML 5Page - Linear Technology LTC1041CS8 Datasheet HTML 6Page - Linear Technology LTC1041CS8 Datasheet HTML 7Page - Linear Technology LTC1041CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1041
4
1041fa
APPLICATIO S I FOR ATIO
The LTC1041 uses sampled data techniques to achieve
its unique characteristics. It consists of two comparators,
each of which has two differential inputs (Figure 1a).
When the sum of the voltages on a comparator’s inputs is
positive, the output is high and when the sum is negative,
the output is low. The inputs are interconnected such that
the RS flip-flop is reset (ON/OFF = GND) when
VIN > (SET POINT + DELTA) and is set (ON/OFF = V+) when
VIN < (SET POINT – DELTA). This makes a very precise
hysteresis loop of 2 • DELTA centered around the
SET POINT. (See Figure 1b.)
For RS < 10kΩ
The dual differential input structure is made with CMOS
switches and a precision capacitor array. Input
impedance characteristics of the LTC1041 can be
determined from the equivalent circuit shown in Figure 2.
The input capacitance will charge with a time constant of
VP-P Output Voltage
vs Load Current
RIN vs Sampling Frequency
LOAD CURRENT, IL (mA)
0
0.8
0.4
0
8
LTC1041 • TPC06
1.2
1.6
2.0
0.6
0.2
1.0
1.4
1.8
2
1
4
3
67
9
5
10
V+ = 2.8V
V+ = 16V
V+ = 5V
V+ = 10V
SAMPLING FREQUENCY fS (Hz)
1
107
109
1011
102
104
103
10
LTC1041 • TPC07
108
1010
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1041 • AI01a
OSC
(6)
GND
(4)
DELTA
(5)
SET POINT
(3)
VIN
(2)
CEXT
REXT
POWER ON
VP-P
(7)
V+
(8)
ON/OFF
(1)
V+
V+
80
µs
4
–
–
+
+
COMP B
4
TIMING
GENERATOR
VP-P
CIRCUIT
–
–
+
+
COMP A
(a)
LTC1041 • AI01b
V+
GND
0V
INPUT VOLTAGE, VIN
VL
VU
SET POINT
DEADBAND
DELTA – +DELTA
Figure 1. LTC1041 Block Diagram
(b)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com