Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1041CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1041CS8
Description  BANG-BANG Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1041CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1041CS8 Datasheet HTML 1Page - Linear Technology LTC1041CS8 Datasheet HTML 2Page - Linear Technology LTC1041CS8 Datasheet HTML 3Page - Linear Technology LTC1041CS8 Datasheet HTML 4Page - Linear Technology LTC1041CS8 Datasheet HTML 5Page - Linear Technology LTC1041CS8 Datasheet HTML 6Page - Linear Technology LTC1041CS8 Datasheet HTML 7Page - Linear Technology LTC1041CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1041
3
1041fa
ELECTRICAL CHARACTERISTICS
Note 3: SET POINT error
≡
– SET POINT
where VU = upper band limit and VL = lower band limit.
Note 4: Deadband error
≡ (VU – VL) – 2 • DELTA where VU = upper band
limit and VL = lower band limit.
VU + VL
2
(
)
TYPICAL PERFOR A CE CHARACTERISTICS
IS(ON) vs V
+
Sampling Rate vs REXT, CEXT
Normalized Sampling
Frequency vs V+, Temperature
Response Time
vs Supply Voltage
SUPPLY VOLTAGE, V+ (V)
2
0
2
6
8
10
20
14
6
10
12
LTC1041 • TPC01
4
16
18
12
4
8
14
16
25
°C
125
°C
–55
°C
SUPPLY VOLTAGE, V+ (V)
0
1.4
1.8
16
LTC1041 • TPC02
1.0
0.6
4
8
12
2
6
10
14
2.2
1.2
1.6
0.8
2.0
TA = 125°C
TA = 25°C
TA = –55°C
R = 1M, C = 0.1
µF
REXT (Ω)
100k
0.1
1
10
102
103
1M
10M
LTC1041 • TPC03
CEXT = 1µF
CEXT = 0.1µF
CEXT = 0.05µF
CEXT = 0.01µF
CEXT = 1000pF
SUPPLY VOLTAGE, V+ (V)
2
200
250
300
812
LTC1041 • TPC04
150
100
46
10
14
16
50
0
TA = 25°C
Response Time
vs Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
40
50
70
80
90
50
130
LTC1041 • TPC05
60
0
–25
100
75
25
125
100
110
120
V+ = 5V
Note 5: RIN is guaranteed by design and is not tested.
RIN = 1/(fS x 66pF).
Note 6: Average supply current = tD • IS(ON) • fS + (1 – tD • fS) lS(OFF).
Note 7: Response time is set by an internal oscillator and is independent
of overdrive voltage. tD = VP-P pulse width.
Note 8: Output also capable of meeting EIA/JEDEC standard B series
CMOS drive specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com