Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7652 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7652
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7652 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7652 Datasheet HTML 4Page - Linear Technology LTC7652 Datasheet HTML 5Page - Linear Technology LTC7652 Datasheet HTML 6Page - Linear Technology LTC7652 Datasheet HTML 7Page - Linear Technology LTC7652 Datasheet HTML 8Page - Linear Technology LTC7652 Datasheet HTML 9Page - Linear Technology LTC7652 Datasheet HTML 10Page - Linear Technology LTC7652 Datasheet HTML 11Page - Linear Technology LTC7652 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC1052/LTC7652
8
1052fa
Figure 1b. LTC1052 Block Diagram
Sampling Cycle
THEORY OF OPERATIO
LTC1052/7652 • TO02
+
–
gm6
+IN
–IN
S1
S3
VREF
RL1
V–
+
–
–
+
–
+
S2
RL5
VOUT
RL4
CEXT A
CEXT B
RL2
l3
l1
δl
l2
C1
C2
+
–
gm1
gm2
gm3
gm4
gm5
APPLICATIO S I FOR ATIO
EXTERNAL CAPACITORS
CEXTA and CEXTB are the holding elements of a sample-
and-hold circuit. The important capacitor characteristics
are leakage current and dielectric absorption. A high
quality film-type capacitor such as mylar or polypropylene
provides excellent performance. However, low grade
capacitors such as ceramic are suitable in many
applications.
Capacitors with very high dielectric absorption (ceramic)
can take several seconds to settle after power is first
turned on. This settling appears as clock ripple on the
output and, as the capacitor settles, the ripple gradually
disappears. If fast settling after power turn-on is
important, mylar or polypropylene is recommended.
Above 85°C, leakage, both from the holding capacitors
and the printed circuit board, becomes important. To
maintain the capabilities of the LTC1052 it may be
necessary to use Teflon™ capacitors and Teflon standoffs
when operating at 125°C (see Achieving Picoampere/
Microvolt Performance).
CEXTA and CEXTB are normally in the range of 0.1µF
to 1.0µF. All specifications are guaranteed with 0.1µF and
the broadband noise (refer to Typical Performance Char-
acteristics) is only very slightly degraded with 0.1µF.
Output clock ripple is not present for capacitors of 0.1µF
or greater at any temperature.
On competitive devices, connecting CEXTA and CEXTB to
V– causes an increase in amplifier noise. Design changes
have eliminated this problem on the LTC1052. On the
14-pin LTC1052 and 8-pin LTC7652, the capacitors can
be returned to V– or CRETURN with no change in noise
performance.
ACHIEVING PICOAMPERE/MICROVOLT PERFORMANCE
Picoamperes
In order to realize the picoampere level of accuracy of the
LTC1052, proper care must be exercised. Leakage
currents in circuitry external to the amplifier can
significantly degrade performance. High quality insulation
should be used (e.g., Teflon, Kel-F); cleaning of all
insulating surfaces to remove fluxes and other residues
will probably be necessary—particularly for high
temperature performance. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Board leakage can be minimized by encircling the input
connections with a guard ring operated at a potential
close to that of the inputs: in inverting configurations, the
guard ring should be tied to ground; in noninverting
Teflon is a trademark of Dupont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com