Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7652 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC7652
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7652 Datasheet(HTML) 4 Page - Linear Technology

  LTC7652 Datasheet HTML 1Page - Linear Technology LTC7652 Datasheet HTML 2Page - Linear Technology LTC7652 Datasheet HTML 3Page - Linear Technology LTC7652 Datasheet HTML 4Page - Linear Technology LTC7652 Datasheet HTML 5Page - Linear Technology LTC7652 Datasheet HTML 6Page - Linear Technology LTC7652 Datasheet HTML 7Page - Linear Technology LTC7652 Datasheet HTML 8Page - Linear Technology LTC7652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC1052/LTC7652
4
1052fa
TYPICAL PERFOR A CE CHARACTERISTICS
Aliasing Error
Common Mode Input Range vs
Supply Voltage
Overload Recovery
(Output Clamp Not Used)
OVERDRIVE
REMOVED
AV = –100
Small-Signal Transient Response*
Gain Phase vs Frequency
SUPPLY VOLTAGE (±V)
0
0
4
8
–4
–8
2
4
6
1
3
5
7
8
–2
2
–6
6
LTC1052/7652 • TPC04
VCM = V–
FREQUENCY (Hz)
0
20
60
100
120
100
104
105
107
LTC1052/LTC7652 • TPC06
–20
103
106
80
40
–40
180
160
120
80
60
200
100
140
220
VS = ± 5V
CL= 100pF
GAIN
PHASE
Offset Voltage vs Sampling
Frequency
1OHzP-P Noise vs Sampling
Frequency
Input Bias Current vs
Temperature
SAMPLING FREQUENCY, fS (Hz)
0
0
2
4
6
8
10
12
500
1000
1500
2000
VSUPPLY= ±5V
LTC1052/7652 • TPC01
SAMPLING FREQUENCY, fS (Hz)
100
0
1
2
3
4
1k
10k
5
VSUPPLY= ± 5V
LTC1052/7652 • TPC02
AMBIENT TEMPERATURE, TA(°C)
–50
0
100
300
400
500
1000
700
0
50
75
LTC1052/7652 • TPC03
200
800
900
600
–25
25
100
125
GUARANTEED
GUARANTEED
fI–fS
50Hz/DIV
fS
fI
VS = ±5V
AV = –1
TEST CIRCUIT TC2
50ms/DIV
VS = ±5V
AV = 1
RL = 10k
CL = 100pF
VS = ±5V
*RESPONSE IS NOT DEPENDENT ON PHASE OF CLOCK
2µs/DIV
Large-Signal Transient Response*
AV = 1
RL = 10k
CL = 100pF
VS = ±5V
2µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com