Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7652 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC7652
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7652 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC7652 Datasheet HTML 14Page - Linear Technology LTC7652 Datasheet HTML 15Page - Linear Technology LTC7652 Datasheet HTML 16Page - Linear Technology LTC7652 Datasheet HTML 17Page - Linear Technology LTC7652 Datasheet HTML 18Page - Linear Technology LTC7652 Datasheet HTML 19Page - Linear Technology LTC7652 Datasheet HTML 20Page - Linear Technology LTC7652 Datasheet HTML 21Page - Linear Technology LTC7652 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC1052/LTC7652
18
1052fa
TYPICAL APPLICATIO S
16-Bit A/D Converter
–5V
LTC1052/7652 • TA18
1µF39pF
LINEARITY
TRIM
LTC1043
CURRENT SWITCH
INTEGRATOR
1k
12
14
5
10k
76
–5V
6
LT1009
75k*
4
1
2
3
7
8
–5V
–5V
–5V
5V
10k
FULL-SCALE
TRIM
6
8
A2
7
2
2
3
1
14k
5V
CLOCK
0.1µF
0.01µF
0.1µF
74C00
28k
10pF
EIN
OV TO 5V
1/3
74C903
820pF
95k*
5V
5V
5V
5V
0.01µF
0.1µF
0.1µF
4
DATA OUTPUT =
AOUT
BOUT
CURRENT SINK
100,000 COUNTS FULL-SCALE
NO ZERO TRIM
20ppm/°C GAIN DRIFT
*VISHAY S-102 RESISTOR
1/2
74C74
BOUT
AOUT
+
–
LTC1052
+
–
LTC1052
2
4
1
14
7
8
18
15
16
13
17
11
4
3
20k
2N4338



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com