Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5491 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N5491
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N5491 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N5491 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N5491 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2N5491
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 40V(Min)
·Low Saturation Voltage-
: VCE (sat)= 1V(Max)@IC= 2.0A
APPLICATIONS
·Designed for a wide variety of medium-power switching and
amplifier applications , such as series and shunt regulators
and driver and output stages of high-fidelity amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEV
Collector-Emitter Voltage
VBE= -1.5V
60
V
VCER
Collector-Emitter Voltage
RBE= 100Ω
50
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
7
A
IB
Base Current
3
A
Collector Power Dissipation
@ Ta=25℃
1.8
PC
Collector Power Dissipation
@ TC=25℃
50
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.5
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
70
℃/W


Similar Part No. - 2N5491

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N549 NJSEMI-2N549 Datasheet
124Kb / 1P
NPN SWITCHING TRANSISTORS
logo
Central Semiconductor C...
2N5490 CENTRAL-2N5490 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
2N5490 CENTRAL-2N5490 Datasheet
70Kb / 1P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
2N5490 SAVANTIC-2N5490 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5490 JMNIC-2N5490 Datasheet
123Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5491

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com