Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRSPW Datasheet(PDF) 13 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 13 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 9Page - Actel Corporation GRSPW Datasheet HTML 10Page - Actel Corporation GRSPW Datasheet HTML 11Page - Actel Corporation GRSPW Datasheet HTML 12Page - Actel Corporation GRSPW Datasheet HTML 13Page - Actel Corporation GRSPW Datasheet HTML 14Page - Actel Corporation GRSPW Datasheet HTML 15Page - Actel Corporation GRSPW Datasheet HTML 16Page - Actel Corporation GRSPW Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
2.5.1
Basic functionality
The transmit DMA engine reads data from the AHB bus and stores them in the transmitter FIFO for
transmission on the SpaceWire network. Transmission is based on the same type of descriptors as for
the receiver and the descriptor table has the same alignment and size restrictions. When there are new
descriptors enabled the core reads them and transfer the amount data indicated.
2.5.2
Setting up the core for transmission
Four steps need to be performed before transmissions can be done with the core. First the link inter-
face must be enabled and started by writing the appropriate value to the ctrl register. Then the address
to the descriptor table needs to be written to the transmitter descriptor table address register and one or
more descriptors must also be enabled in the table. Finally, the txen bit in the DMA control register
should be written with a one which triggers the transmission. These steps will be covered in more
detail in the next sections.
2.5.3
Enabling descriptors
The descriptor table address register works in the same way as the receiver’s corresponding register
which was covered in section 2.4.
To transmit packets one or more descriptors have to be initialized in memory which is done in the fol-
lowing way: The number of bytes to be transmitted and a pointer to the data has to be set. There are
two different length and address fields in the transmit descriptors because there are separate pointers
for header and data. If a length field is zero the corresponding part of a packet is skipped and if both
are zero no packet is sent. The maximum header length is 255 bytes and the maximum data length is
16 Mbyte - 1. When the pointer and length fields have been set the enable bit should be set to enable
the descriptor. This must always be done last. The other control bits must also be set before enabling
the descriptor.
The transmit descriptors are 16 bytes in size so the maximum number in a single table is 64. The dif-
ferent fields of the descriptor together with the memory offsets are shown in the tables below.
The HC bit should be set if RMAP CRC should be calculated and inserted for the header field and
correspondingly the DC bit should be set for the data field. This field is only used by the core when
the CRC logic is available (rmap or rmapcrc VHDL generic set to 1). The header CRC will be calcu-
lated from the data fetched from the header pointer and the data CRC is generated from data fetched
from the data pointer. The CRCs are appended after the corresponding fields. The NON-CRC bytes
field is set to the number of bytes in the beginning of the header field that should not be included in
the CRC calculation. The CRCs are sent even if the corresponding length is zero.
When both header and data length are zero no packet is sent not even an EOP.
2.5.4
Starting transmissions
When the descriptors have been initialized, the transmit enable bit in the DMA control register has to
be set to tell the core to start transmitting. New descriptors can be activated in the table on the fly
(while transmission is active). Each time a set of descriptors is added the transmit enable register bit
should be set. This has to be done because each time the core encounters a disabled descriptor this
register bit is set to 0.
Table 4. GRSPW transmit descriptor word 0 (address offset 0x0)
31
18 17 16 15 14 13 12 11
8
7
0
RESERVED
DC HC LE IE WR EN
NONCRCLEN
HEADERLEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com