Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRSPW Datasheet(PDF) 39 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 39 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 35Page - Actel Corporation GRSPW Datasheet HTML 36Page - Actel Corporation GRSPW Datasheet HTML 37Page - Actel Corporation GRSPW Datasheet HTML 38Page - Actel Corporation GRSPW Datasheet HTML 39Page - Actel Corporation GRSPW Datasheet HTML 40Page - Actel Corporation GRSPW Datasheet HTML 41Page - Actel Corporation GRSPW Datasheet HTML 42Page - Actel Corporation GRSPW Datasheet HTML 43Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
int spw_tx(int crc, int skipcrcsize, int hsize, char *hbuf, int dsize, char *dbuf, struct
spwvars *spw);
Transmits a packet. Separate header and data buffers can be used. If CRC logic is available the GSPW
inserts RMAP CRC values after the header and data fields if crc is set to one. This function only sets a
descriptor and initiates the transmission. Spw_checktx must be used to check if the packet has been
transmitted. A pointer into the descriptor table is stored in the spwvars struct to keep track of the next
location to use. It is incremented each time the function returns 0.
int spw_rx(char *buf, struct spwvars *spw);
Enables a descriptor for reception. The packet will be stored to buf. Spw_checkrx must be used to
check if a packet has been received. A pointer in the spwvars struct is used to keep track of the next
location to use in the descriptor table. It is incremented each time the function returns 0.
Table 47. Parameters for spw_set_rxmaxlength
Parameter
Description
Allowed range
spw
Pointer to the spwvars struct associated with GRSPW core that
should be configured
-
Table 48. Return values for spw_tx
Value
Description
0
The function completed successfully
1
There are no free transmit descriptors currently available
2
There was illegal parameters passed to the function
Table 49. Parameters for spw_tx
Parameter
Description
Allowed range
crc
Set to one to append RMAP CRC after the header and data fields.
Only available if hardware CRC is available in the core.
0 - 1
skipcrcsize
The number of bytes in the beginning of a packet that should not be
included in the CRC calculation
0 - 15
hsize
The size of the header in bytes
0 - 255
hbuf
Pointer to the header data
-
dsize
The size of the data field in bytes
0 - 224-1
dbuf
Pointer to the data area.
-
spw
Pointer to the spwvars struct associated with GRSPW core that
should transmit the packet
-
Table 50. Return values for spw_rx
Value
Description
0
The function completed successfully
1
There are no free receive descriptors currently available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com