Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRSPW Datasheet(PDF) 21 Page - Actel Corporation

Part # GRSPW
Description  SpaceWire CODEC with RMAP GRSPW / GRSPW-FT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

GRSPW Datasheet(HTML) 21 Page - Actel Corporation

Back Button GRSPW Datasheet HTML 17Page - Actel Corporation GRSPW Datasheet HTML 18Page - Actel Corporation GRSPW Datasheet HTML 19Page - Actel Corporation GRSPW Datasheet HTML 20Page - Actel Corporation GRSPW Datasheet HTML 21Page - Actel Corporation GRSPW Datasheet HTML 22Page - Actel Corporation GRSPW Datasheet HTML 23Page - Actel Corporation GRSPW Datasheet HTML 24Page - Actel Corporation GRSPW Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
GRSPW / GRSPW-FT
Copyright Aeroflex Gaisler AB
December 2008, Version 1.0.2
GAISLER
2.7
AMBA interface
The AMBA interface consists of an APB interface, an AHB master interface and DMA FIFOs. The
APB interface provides access to the user registers which are described in section 2.9. The DMA
engines have 32-bit wide FIFOs to the AHB master interface which are used when reading and writ-
ing to the bus.
The transmitter DMA engine reads data from the bus in bursts which are half the FIFO size in length.
A burst is always started when the FIFO is half-empty or if it can hold the last data for the packet. The
burst containing the last data might have shorter length if the packet is not an even number of bursts in
size.
The receiver DMA works in the same way except that it checks if the FIFO is half-full and then per-
forms a burst write to the bus which is half the fifo size in length. The last burst might be shorter. If
the rmap or rxunaligned VHDL generics are set to 1 the interface also handles byte accesses. Byte
accesses are used for non word-aligned buffers and/or packet lengths that are not a multiple of four
bytes. There might be 1 to 3 single byte writes when writing the beginning and end of the received
packets.
2.7.1
APB slave interface
As mentioned above, the APB interface provides access to the user registers which are 32-bits in
width. The accesses to this interface are required to be aligned word accesses. The result is undefined
if this restriction is violated.
2.7.2
AHB master interface
The core contains a single master interface which is used by both the transmitter and receiver DMA
engines. The arbitration algorithm between the channels is done so that if the current owner requests
the interface again it will always acquire it. This will not lead to starvation problems since the DMA
engines always deassert their requests between accesses.
if rmap and rxunaligned are disabledThe AHB accesses can be of size byte, halfword and word
(HSIZE = 0x000, 0x001, 0x010) otherwise. Byte and halfword accesses are always NONSEQ.
The burst length will be half the AHB FIFO size except for the last transfer for a packet which might
be smaller. Shorter accesses are also done during descriptor reads and status writes.
The AHB master also supports non-incrementing accesses where the address will be constant for sev-
eral consecutive accesses. HTRANS will always be NONSEQ in this case while for incrementing
accesses it is set to SEQ after the first access. This feature is included to support non-incrementing
reads and writes for RMAP.
If the core does not need the bus after a burst has finished there will be one wasted cycle (HTRANS =
IDLE).
BUSY transfer types are never requested and the core provides full support for ERROR, RETRY and
SPLIT responses.
2.8
Synthesis and hardware
2.8.1
Clock-generation
Figure 8 shows the clock recovery scheme for the receiver. Data and strobe are coupled directly from
their pads to an xor gate which generates the clock. The output from the xor is then connected to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com