Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600-PQB Datasheet(PDF) 73 Page - Actel Corporation

Part # APA600-PQB
Description  ProASIC Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600-PQB Datasheet(HTML) 73 Page - Actel Corporation

Back Button APA600-PQB Datasheet HTML 69Page - Actel Corporation APA600-PQB Datasheet HTML 70Page - Actel Corporation APA600-PQB Datasheet HTML 71Page - Actel Corporation APA600-PQB Datasheet HTML 72Page - Actel Corporation APA600-PQB Datasheet HTML 73Page - Actel Corporation APA600-PQB Datasheet HTML 74Page - Actel Corporation APA600-PQB Datasheet HTML 75Page - Actel Corporation APA600-PQB Datasheet HTML 76Page - Actel Corporation APA600-PQB Datasheet HTML 77Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.7
1-67
Asynchronous FIFO Read
Note: The plot shows the normal operation status.
Figure 1-43 • Asynchronous FIFO Read
Table 1-61 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
ERDH,
FRDH,
THRDH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from RB
↑
0.5
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
ERDA
New EMPTY access from RB
↑
3.01
ns
FRDA
FULL
↓ access from RB ↑
3.01
ns
ORDA
New DO access from RB
↓
7.5
ns
ORDH
Old DO valid from RB
↓
3.0
ns
RDCYC
Read cycle time
7.5
ns
RDWRS
WB
↑, clearing EMPTY, setup to
RB
↓
3.02
ns
Enabling the read operation
1.0
ns
Inhibiting the read operation
RDH
RB high phase
3.0
ns
Inactive
RDL
RB low phase
3.0
ns
Active
RPRDA
New RPE access from RB
↓
9.5
ns
RPRDH
Old RPE valid from RB
↓
4.0
ns
THRDA
EQTH or GETH access from RB
↑
4.5
ns
Notes:
1. At fast cycles, ERDA and FRDA = MAX (7.5 ns – RDL), 3.0 ns.
2. At fast cycles, RDWRS (for enabling read) = MAX (7.5 ns – WRL), 3.0 ns.
3. All –F speed grade devices are 20% slower than the standard numbers.
RB = (RDB+RBLKB)
RPE
RDATA
EMPTY
EQTH, GETH
FULL
(Empty inhibits read)
Cycle Start
WB
tRDWRS
tERDH, tFRDH
tERDA, tFRDA
tTHRDH
tORDH
tRPRDH
tORDA
tRPRDA
tRDL
tRDH
tRPRDA
tRDL
tRDCYC
tRDH
tTHRDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com