Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600-PQB Datasheet(PDF) 21 Page - Actel Corporation

Part # APA600-PQB
Description  ProASIC Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600-PQB Datasheet(HTML) 21 Page - Actel Corporation

Back Button APA600-PQB Datasheet HTML 17Page - Actel Corporation APA600-PQB Datasheet HTML 18Page - Actel Corporation APA600-PQB Datasheet HTML 19Page - Actel Corporation APA600-PQB Datasheet HTML 20Page - Actel Corporation APA600-PQB Datasheet HTML 21Page - Actel Corporation APA600-PQB Datasheet HTML 22Page - Actel Corporation APA600-PQB Datasheet HTML 23Page - Actel Corporation APA600-PQB Datasheet HTML 24Page - Actel Corporation APA600-PQB Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.7
1-15
Note: When a signal from an I/O tile is connected to the core, it cannot be connected to the Global MUX at the same time.
Figure 1-15 • Input Connectors to ProASICPLUS Clock Conditioning Circuitry
Table 1-7 •
Clock-Conditioning Circuitry MUX Settings
MUX
Datapath
Comments
FBSEL
1
Internal Feedback
2
Internal Feedback and Advance Clock Using FBDLY
–0.25 to –4 ns in 0.25 ns increments
3
External Feedback (EXTFB)
XDLYSEL
0
Feedback Unchanged
1
Deskew feedback by advancing clock by system delay
Fixed delay of -2.95 ns
OBMUX
GLB
0
Primary bypass, no divider
1
Primary bypass, use divider
2
Delay Clock Using FBDLY
+0.25 to +4 ns in 0.25 ns increments
4
Phase Shift Clock by 0°
5
Reserved
6
Phase Shift Clock by +180°
7
Reserved
OAMUX
GLA
0
Secondary bypass, no divider
1
Secondary bypass, use divider
2
Delay Clock Using FBDLY
+0.25 to +4 ns in 0.25 ns increments
3
Phase Shift Clock by 0°
Configuration Tile
Configuration Tile
PECL Pad Cell
GLMX
GL
Std. Pad Cell
Std. Pad Cell
Std. Pad Cell
GL
NPECL
PPECL
CORE
Package Pins
Physical I/O
Buffers
Global MUX
External
Feedback
Global MUX B
OUT
Global MUX A
OUT
Legend
Physical Pin
DATA Signals to the Core
DATA Signals to the PLL Block
DATA Signals to the Global MUX
Control Signals to the Global MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com