Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600-PQB Datasheet(PDF) 41 Page - Actel Corporation

Part # APA600-PQB
Description  ProASIC Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA600-PQB Datasheet(HTML) 41 Page - Actel Corporation

Back Button APA600-PQB Datasheet HTML 37Page - Actel Corporation APA600-PQB Datasheet HTML 38Page - Actel Corporation APA600-PQB Datasheet HTML 39Page - Actel Corporation APA600-PQB Datasheet HTML 40Page - Actel Corporation APA600-PQB Datasheet HTML 41Page - Actel Corporation APA600-PQB Datasheet HTML 42Page - Actel Corporation APA600-PQB Datasheet HTML 43Page - Actel Corporation APA600-PQB Datasheet HTML 44Page - Actel Corporation APA600-PQB Datasheet HTML 45Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.7
1-35
Table 1-19 • Recommended Maximum Operating Conditions Programming and PLL Supplies
Parameter
Condition
Commercial/Industrial/Military/MIL-STD-883
Units
Minimum
Maximum
VPP
During Programming
15.8
16.5
V
Normal Operation1
016.5
V
VPN
During Programming
–13.8
–13.2
V
Normal Operation2
–13.8
0.5
V
IPP
During Programming
25
mA
IPN
During Programming
10
mA
AVDD
VDD
VDD
V
AGND
GND
GND
V
Notes:
1. Please refer to the "VPP Programming Supply Pin" section on page 1-74 for more information.
2. Please refer to the "VPN Programming Supply Pin" section on page 1-74 for more information.
Table 1-20 • Recommended Operating Conditions
Parameter
Symbol
Limits
Commercial
Industrial
Military/MIL-STD-883
DC Supply Voltage (2.5 V I/Os)
VDD and VDDP
2.5 V
± 0.2 V
2.5 V
± 0.2 V
2.5 V
± 0.2 V
DC Supply Voltage (3.3 V I/Os)
VDDP
VDD
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
Operating Ambient Temperature Range
TA, TC
0°C to 70°C
–40°C to 85°C
–55°C (TA) to 125°C (TC)
Maximum Operating Junction Temperature
TJ
110°C
110°C
150°C
Note: For I/O long-term reliability, external pull-up resistors cannot be used to increase output voltage above VDDP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com