Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1098ACN8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1098ACN8 Datasheet HTML 1Page - Linear Technology LTC1098ACN8 Datasheet HTML 2Page - Linear Technology LTC1098ACN8 Datasheet HTML 3Page - Linear Technology LTC1098ACN8 Datasheet HTML 4Page - Linear Technology LTC1098ACN8 Datasheet HTML 5Page - Linear Technology LTC1098ACN8 Datasheet HTML 6Page - Linear Technology LTC1098ACN8 Datasheet HTML 7Page - Linear Technology LTC1098ACN8 Datasheet HTML 8Page - Linear Technology LTC1098ACN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
1
10968fc
TYPICAL APPLICATION
DESCRIPTION
Micropower Sampling
8-Bit Serial I/O A/D Converters
The LTC®1096/LTC1096L/LTC1098/LTC1098L are
micropower, 8-bit A/D converters that draw only 80μA of
supply current when converting. They automatically power
down to 1nA typical supply current whenever they are not
performing conversions. They are packaged in 8-pin SO
packages and have both 3V (L) and 5V versions. These
8-bit, switched-capacitor, successive approximation ADCs
include sample-and-hold. The LTC1096/LTC1096L have a
single differential analog input. The LTC1098/LTC1098L
offer a software selectable 2-channel MUX.
On-chip serial ports allow efficient data transfer to a wide
range of microprocessors and microcontrollers over three
wires. This, coupled with micropower consumption, makes
remote location possible and facilitates transmitting data
through isolation barriers.
These circuits can be used in ratiometric applications or
with an external reference. The high impedance analog
inputs and the ability to operate with reduced spans (be-
low 1V full scale) allow direct connection to sensors and
transducers in many applications, eliminating the need
for gain stages.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n 80μA Maximum Supply Current
n 1nA Typical Supply Current in Shutdown
n 5V Operation (LTC1096/LTC1098)
n 3V Operation (LTC1096L/LTC1098L)(2.65V Min)
n Sample-and-Hold
n 16μs Conversion Time
n 33kHz Sample Rate
n ±0.5LSB Total Unadjusted Error Over Temp
n Direct 3-Wire Interface to Most MPU Serial Ports and
All MPU Parallel I/O Ports
n 8-Pin SO Plastic Package
n Battery-Operated Systems
n Remote Data Acquisition
n Battery Monitoring
n Battery Gas Gauges
n Temperature Measurement
n Isolated Data Acquisition
Supply Current vs Sample Rate
10μW, S8 Package, 8-Bit A/D
Samples at 200Hz and Runs Off a 5V Battery
5V
1μF
ANALOG INPUT
0V TO 5V RANGE
–IN
GND
VCC
CLK
DOUT
VREF
LTC1096
MPU
(e.g., 8051)
P1.4
P1.3
P1.2
+IN
10968 TA01
CS/
SHUTDOWN
SAMPLE FREQUENCY, fSMPL (kHz)
0.1
1
10
100
1000
1
10
100
10968 TA02
TA = 25°C
VCC = VREF = 5V


Similar Part No. - LTC1098ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1098ACN8 LINER-LTC1098ACN8 Datasheet
452Kb / 28P
Micropower Sampling 8-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1098ACN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L Datasheet
210Kb / 8P
Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com