Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1098ACN8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1098ACN8 Datasheet HTML 20Page - Linear Technology LTC1098ACN8 Datasheet HTML 21Page - Linear Technology LTC1098ACN8 Datasheet HTML 22Page - Linear Technology LTC1098ACN8 Datasheet HTML 23Page - Linear Technology LTC1098ACN8 Datasheet HTML 24Page - Linear Technology LTC1098ACN8 Datasheet HTML 25Page - Linear Technology LTC1098ACN8 Datasheet HTML 26Page - Linear Technology LTC1098ACN8 Datasheet HTML 27Page - Linear Technology LTC1098ACN8 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
24
10968fc
APPLICATIONS INFORMATION
related to reference voltage for a typical value of VOS. For
example, a VOS of 2mV which is 0.1LSB with a 5V reference
becomes 0.5LSB with a 1V reference and 2.5LSBs with
a 0.2V reference. If this offset is unacceptable, it can be
corrected digitally by the receiving system or by offsetting
the “–” input of the LTC1096.
Noise with Reduced VREF
The total input referred noise of the LTC1096 can be reduced
to approximately 1mV peak-to-peak using a ground plane,
good bypassing, good layout techniques and minimizing
noise on the reference inputs. This noise is insignificant
with a 5V reference but will become a larger fraction of
an LSB as the size of the LSB is reduced.
For operation with a 5V reference, the 1mV noise is only
0.05LSB peak-to-peak. In this case, the LTC1096 noise
will contribute virtually no uncertainty to the output code.
However, for reduced references, the noise may become
a significant fraction of an LSB and cause undesirable jit-
ter in the output code. For example, with a 1V reference,
this same 1mV noise is 0.25LSB peak-to-peak. This will
reduce the range of input voltages over which a stable
output code can be achieved by 1LSB. If the reference is
further reduced to 200mV, the 1mV noise becomes equal
to 1.25LSBs and a stable code may be difficult to achieve.
In this case averaging readings may be necessary.
This noise data was taken in a very clean setup. Any setup-
induced noise (noise or ripple on VCC, VREF or VIN) will
add to the internal noise. The lower the reference voltage
to be used, the more critical it becomes to have a clean,
noise free setup.
Conversion Speed with Reduced VREF
With reduced reference voltages the LSB step size is
reduced and the LTC1096 internal comparator overdrive
is reduced. Therefore, it may be necessary to reduce
the maximum CLK frequency when low values of VREF
are used.
Input Divider
It is OK to use an input divider on the reference input of
the LTC1096 as long as the reference input can be made
to settle within the bit time at which the clock is running.
When using a larger value resistor divider on the reference
input the “–” input should be matched with an equivalent
resistance.
Bypassing Reference Input with Divider
Bypassing the reference input with a divider is also pos-
sible. However, care must be taken to make sure that the
DC voltage on the reference input will not drop too much
below the intended reference voltage.
AC PERFORMANCE
Two commonly used figures of merit for specifying the
dynamic performance of the ADCs in digital signal pro-
cessing applications are the signal-to-noise ratio (SNR)
and the effective number of bits (ENOBs).
Signal-to-Noise Ratio
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency to
the RMS amplitude of all other frequency components at
the A/D output. This includes distortion as well as noise
products and for this reason it is sometimes referred to as
signal-to-noise + distortion [S/(N + D)]. The output is band
limited to frequencies from DC to one half the sampling
frequency. Figure 11 shows spectral content from DC to
15.625kHz which is 1/2 the 31.25kHz sampling rate.
Figure 11. This Clean FFT of an 11.8kHz Input Shows
Remarkable Performance for an ADC That Draws Only 100μA
When Sampling at the 31.25kHz Rate
FREQUENCY (kHz)
0
–60
–30
–20
16
10968 F11
–70
–80
–120
4
8
12
–100
0
–10
–40
–50
–90
–110
2
6
10
14
fSAMPLE = 31.25kHz
fIN = 11.8kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com