Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1098ACN8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1098ACN8 Datasheet HTML 8Page - Linear Technology LTC1098ACN8 Datasheet HTML 9Page - Linear Technology LTC1098ACN8 Datasheet HTML 10Page - Linear Technology LTC1098ACN8 Datasheet HTML 11Page - Linear Technology LTC1098ACN8 Datasheet HTML 12Page - Linear Technology LTC1098ACN8 Datasheet HTML 13Page - Linear Technology LTC1098ACN8 Datasheet HTML 14Page - Linear Technology LTC1098ACN8 Datasheet HTML 15Page - Linear Technology LTC1098ACN8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
12
10968fc
BLOCK DIAGRAM
LTC1096/LTC1096L
CSAMPLE
BIAS AND
SHUTDOWN CIRCUIT
SERIAL PORT
VCC (VCC/VREF)
CS
CLK
DOUT
IN+ (CH0)
IN– (CH1)
MICROPOWER
COMPARATOR
CAPACITIVE DAC
SAR
VREF
GND
PIN NAMES IN PARENTHESES
REFER TO THE LTC1098/LTC1098L
(DIN)
10968 BD
TEST CIRCUITS
On and Off Channel Leakage Current
Load Circuit for tdDO, tr and tf
DOUT
1.4V
3kΩ
100pF
TEST POINT
10968 TC02
5V
A
A
IOFF
ION
POLARITY
OFF
CHANNEL
ON CHANNEL
10968 TC01
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com