Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1098ACS8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1098ACS8 Datasheet HTML 1Page - Linear Technology LTC1098ACS8 Datasheet HTML 2Page - Linear Technology LTC1098ACS8 Datasheet HTML 3Page - Linear Technology LTC1098ACS8 Datasheet HTML 4Page - Linear Technology LTC1098ACS8 Datasheet HTML 5Page - Linear Technology LTC1098ACS8 Datasheet HTML 6Page - Linear Technology LTC1098ACS8 Datasheet HTML 7Page - Linear Technology LTC1098ACS8 Datasheet HTML 8Page - Linear Technology LTC1098ACS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
2
10968fc
ABSOLUTE MAXIMUM RATINGS
(Notes 1 and 2)
LTC1096
LTC1098
1
2
3
4
8
7
6
5
TOP VIEW
+IN
–IN
GND
VCC
CLK
DOUT
VREF
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/
SHUTDOWN
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 175°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
CH0
CH1
GND
VCC(VREF)
CLK
DOUT
DIN
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/
SHUTDOWN
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 175°C/W (S8)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1096ACN8#PBF
LTC1096ACN8#TRPBF
LTC1096ACN8
8-Lead Plastic DIP
0°C to 70°C
LTC1096ACS8#PBF
LTC1096ACS8#TRPBF
1096A
8-Lead Plastic SOIC
0°C to 70°C
LTC1096AIN8#PBF
LTC1096AIN8#TRPBF
LTC1096AIN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1096AIS8#PBF
LTC1096AIS8#TRPBF
1096AI
8-Lead Plastic SOIC
–40°C to 85°C
LTC1096CN8#PBF
LTC1096CN8#TRPBF
LTC1096CN8
8-Lead Plastic DIP
0°C to 70°C
LTC1096CS8#PBF
LTC1096CS8#TRPBF
1096
8-Lead Plastic SOIC
0°C to 70°C
LTC1096IN8#PBF
LTC1096IN8#TRPBF
LTC1096IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1096IS8#PBF
LTC1096IS8#TRPBF
1096I
8-Lead Plastic SOIC
–40°C to 85°C
LTC1096LCS8#PBF
LTC1096LCS8#TRPBF
1096L
8-Lead Plastic SOIC
0°C to 70°C
LTC1096LIS8#PBF
LTC1096LIS8#TRPBF
1096LI
8-Lead Plastic SOIC
–40°C to 85°C
LTC1098ACN8#PBF
LTC1098ACN8#TRPBF
LTC1098ACN8
8-Lead Plastic DIP
0°C to 70°C
LTC1098ACS8#PBF
LTC1098ACS8#TRPBF
1098A
8-Lead Plastic SOIC
0°C to 70°C
LTC1098CN8#PBF
LTC1098CN8#TRPBF
LTC1098CN8
8-Lead Plastic DIP
0°C to 70°C
LTC1098CS8#PBF
LTC1098CS8#TRPBF
1098
8-Lead Plastic SOIC
0°C to 70°C
LTC1098IN8#PBF
LTC1098IN8#TRPBF
LTC1098IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1098IS8#PBF
LTC1098IS8#TRPBF
1098I
8-Lead Plastic SOIC
–40°C to 85°C
LTC1098LCS8#PBF
LTC1098LCS8#TRPBF
1098L
8-Lead Plastic SOIC
0°C to 70°C
LTC1098LIS8#PBF
LTC1098LIS8#TRPBF
1098LI
8-Lead Plastic SOIC
–40°C to 85°C
Operating Temperature
LTC1096AC/LTC1096C/LTC1096LC/
LTC1098AC/LTC1098C/LTC1098LC .......... 0°C to 70°C
LTC1096AI/LTC1096I/LTC1096LI/
LTC1098AI/LTC1098I/LTC1098LI ......... –40°C to 85°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C
Supply Voltage (VCC) to GND ...................................12V
Voltage
Analog and Reference ................ –0.3V to VCC + 0.3V
Digital Inputs ........................................ –0.3V to 12V
Digital Outputs ........................... –0.3V to VCC + 0.3V
Power Dissipation ...............................................500mW
Storage Temperature Range................... –65°C to 150°C
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com