Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1098ACS8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1098ACS8 Datasheet HTML 24Page - Linear Technology LTC1098ACS8 Datasheet HTML 25Page - Linear Technology LTC1098ACS8 Datasheet HTML 26Page - Linear Technology LTC1098ACS8 Datasheet HTML 27Page - Linear Technology LTC1098ACS8 Datasheet HTML 28Page - Linear Technology LTC1098ACS8 Datasheet HTML 29Page - Linear Technology LTC1098ACS8 Datasheet HTML 30Page - Linear Technology LTC1098ACS8 Datasheet HTML 31Page - Linear Technology LTC1098ACS8 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
29
10968fc
Remote or Isolated Systems
Figure 16 shows a floating system that sends data to a
grounded host system. The floating circuitry is isolated by
two optoisolators and powered by a simple capacitor diode
charge pump. The system has very low power requirements
because the LTC1096 shuts down between conversions
and the optoisolators draw power only when data is being
transferred. The system consumes only 50μA at a sample
rate of 10Hz (1ms on-time and 99ms off-time). This is
easily within the current supplied by the charge pump
running at 5MHz. If a truly isolated system is required,
the system’s low power simplifies generating an isolated
supply or powering the system from a battery.
Figure 16. Power for This Floating A/D System Is Provided by a Simple Capacitor Diode Charge Pump. The Two Optoisolators
Draw No Current Between Samples, Turning On Only to Send the Clock and Receive Data
LTC1096
+IN
–IN
DOUT
CS
CLK
VCC
GND
VREF
75k
LT1004-2.5
1k
20k
0.1μF
1N5817
0.022μF
47μF
1N5817
1N5817
0.001μF
2kV
5MHz
100k
300Ω
10k
500k
ANALOG
INPUT
FLOATING SYSTEM
CLK
DATA
100k
10968 F16
2N3904
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com