Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1098ACS8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1098ACS8 Datasheet HTML 24Page - Linear Technology LTC1098ACS8 Datasheet HTML 25Page - Linear Technology LTC1098ACS8 Datasheet HTML 26Page - Linear Technology LTC1098ACS8 Datasheet HTML 27Page - Linear Technology LTC1098ACS8 Datasheet HTML 28Page - Linear Technology LTC1098ACS8 Datasheet HTML 29Page - Linear Technology LTC1098ACS8 Datasheet HTML 30Page - Linear Technology LTC1098ACS8 Datasheet HTML 31Page - Linear Technology LTC1098ACS8 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
32
10968fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1994
LT 0708 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1196/LTC1198
8-Pin SO, 1Msps, 8-Bit ADCs
Low Power, Small Size, Low Cost
LTC1286/LTC1298
8-Pin SO, 5V Micropower, 12-Bit ADCs
1- or 2-Channel, Auto Shutdown
LTC1285/LTC1298
8-Pin SO, 3V Micropower, 12-Bit ADCs
1- or 2-Channel, Auto Shutdown
LTC1400
5V High Speed,Serial 12-Bit ADC
400ksps, Complete with VREF, CLK, Sample-and-Hold
LTC1594/LTC1598
4- and 8-Channel, 5V Micropower, 12-Bit ADCs
Low Power, Small Size, Low Cost
LTC1594L/LTC1598L
4- and 8-Channel, 3V Micropower, 12-Bit ADCs
Low Power, Small Size, Low Cost
A/D Conversion for 3V Systems
The LTC1096/LTC1098 are ideal for 3V systems. Figure
17 shows a 3V to 6V battery current monitor that draws
only 70μA from the battery it monitors. The battery cur-
rent is sensed with the 0.02Ω resistor and amplified by
the LT1178. The LTC1096 digitizes the amplifier output
and sends it to the microprocessor in serial format. The
LT1004 provides the full-scale reference for the ADC. The
other half of the LTC1178 is used to provide low battery
detection. The circuit’s 70μA supply current is dominated
by the op amps and the reference. The circuit can be
located near the battery and data transmitted serially to
the microprocessor.
Figure 17. This 0A to 2A Battery Current Monitor Draws Only 70μA from a 3V Battery
–
+
750k
0.1μF
0.02Ω FOR 2A FULL SCALE
0.2Ω FOR 0.2A FULL SCALE
24.9k
L
O
A
D
1/2 LT1178
LTC1096
CS
GND
VCC
CLK
DOUT
VREF
LT1004-1.2
73.2k
470k
20M
470k
LO BATTERY
0.1μF
+
–
3V TO 6V
TO μP
–
+
1/2 LT1178
10968 F17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com