Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1272-3ACSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology LTC1272-3ACSW Datasheet HTML 10Page - Linear Technology LTC1272-3ACSW Datasheet HTML 11Page - Linear Technology LTC1272-3ACSW Datasheet HTML 12Page - Linear Technology LTC1272-3ACSW Datasheet HTML 13Page - Linear Technology LTC1272-3ACSW Datasheet HTML 14Page - Linear Technology LTC1272-3ACSW Datasheet HTML 15Page - Linear Technology LTC1272-3ACSW Datasheet HTML 16Page - Linear Technology LTC1272-3ACSW Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1272
1272fb
S
APPLICATI
I FOR ATIO
Data Format
The output data format can be either a complete parallel
load for 16-bit microprocessors or a two byte load for
8-bit microprocessors. Data is always right justified (i.e.,
LSB is the most right-hand bit in a 16-bit word). For a two
byte read, only data outputs D7. . . D0/8 are used. Byte
selection is governed by the HBEN input which controls an
internal digital multiplexer. This multiplexes the 12 bits of
conversion data onto the lower D7. . . D0/8 outputs
(4MSBs or 8LSBs) where it can be read in two read cycles.
The 4MSBs always appear on D11 . . . D8 whenever the
three-state output drives are turned on.
Slow Memory Mode, Parallel Read (HBEN = Low)
Figure 14 and Table 2 show the timing diagram and data
bus status for Slow Memory Mode, Parallel Read. CS and
RD going low triggers a conversion and the LTC1272
acknowledges by taking BUSY low. Data from the previous
conversion appears on the three-state data outputs. BUSY
returns high at the end of conversion when the output
latches have been updated and the conversion result is
placed on data outputs D11 . . . D0/8.
Slow Memory Mode, Two Byte Read
For a two byte read, only 8 data outputs D7 . . . D0/8 are
used. Conversion start procedure and data output status
for the first read operation is identical to Slow Memory
Mode, Parallel Read. See Figure 15 timing diagram and
Table 3 data bus status. At the end of conversion the low
data byte (DB7 . . . DB0) is read from the ADC. A second
Read operation with HBEN high, places the high byte on
data outputs D3/11 . . . D0/8 and disables conversion start.
Note the 4MSBs appear on data outputs D11 . . . D8 during
the two Read operations above.
ROM Mode, Parallel Read (HBEN = Low)
The ROM Mode avoids placing a microprocessor into a
Wait state. A conversion is started with a Read operation
and the 12 bits of data from the previous conversion is
available on data outputs D11 . . . D0/8 (see Figure 16 and
Table 4). This data may be disregarded if not required. A
second Read operation reads the new data (DB11 . . . DB0)
and starts another conversion. A delay at least as long as
the LTC1272 conversion time plus the 1
µsminimumdelay
between conversions must be allowed between Read
operations.
Figure 14. Slow Memory Mode, Parallel Read Timing Diagram
Table 2. Slow Memory Mode, Parallel Read Data Bus Status
Data Outputs
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
Read
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
t1
t2
t11
t10
t6
t7
t5
t1
t3
t12
tCONV
OLD DATA
DB11-DB0
NEW DATA
DB11-DB0
TRACK
HOLD
DATA
BUSY
RD
CS
RD
LTC1272 • TA16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com