Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1272-3ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1272-3ACSW Datasheet HTML 1Page - Linear Technology LTC1272-3ACSW Datasheet HTML 2Page - Linear Technology LTC1272-3ACSW Datasheet HTML 3Page - Linear Technology LTC1272-3ACSW Datasheet HTML 4Page - Linear Technology LTC1272-3ACSW Datasheet HTML 5Page - Linear Technology LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1272
1272fb
LTC1272-XA
LTC1272-XC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VREF Output Voltage (Note 6)
IOUT = 0
2.400
2.420
2.440
2.400
2.420
2.440
V
VREF Output Tempco
IOUT = 0
●
5
25
10
45
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V, IOUT = 0
0.01
0.01
LSB/V
VREF Load Regulation (Sourcing Current) 0 ≤ ⎢IOUT ⎢ ≤ 1mA
2
2
LSB/mA
LTC1272-XA/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage CS, RD, HBEN, CLK IN
VDD = 5.25V
●
2.4
V
VIL
Low Level Input Voltage CS, RD, HBEN, CLK IN
VDD = 4.75V
●
0.8
V
IIN
Input Current CS, RD, HBEN
VIN = 0V to VDD
●
±10
µA
Input Current CLK IN
VIN = 0V to VDD
●
±20
µA
VOH
High Level Output Voltage All Logic Outputs
VDD = 4.75V
IOUT = – 10µA
4.7
V
IOUT = – 200µA
●
4.0
V
VOL
Low Level Output Voltage All Logic Outputs
VDD = 4.75V, IOUT = 1.6mA
●
0.4
V
IOZ
High-Z Output Leakage D11-D0/8
VOUT = 0V to VDD
●
±10
µA
COZ
High-Z Output Capacitance (Note 7)
●
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
IDD
Positive Supply Current
CS = RD = VDD, AIN = 5V
●
15
30
mA
PD
Power Dissipation
75
mW
ACCURACY
IC
DY A
LTC1272-XA/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-Noise Plus Distortion Ratio
10kHz Input Signal
72
dB
THD
Total Harmonic Distortion (Up to 5th Harmonic)
10kHz Input Signal
– 82
dB
Peak Harmonic or Spurious Noise
10kHz Input Signal
– 82
dB
PUT
I
A
A
LOG
LTC1272-XA/B/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
4.75V
≤ VDD ≤ 5.25V
●
05
V
IIN
Input Current
●
3.5
mA
CIN
Input Capacitance
50
pF
tACQ
Sample-and-Hold Acquisition Time
●
0.45
1
µs
I TER AL REFERE CE CHARACTERISTICS
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
(Note 4) fSAMPLE = 250kHz (LTC1272-3), 166kHz (LTC1272-5), 111kHz (LTC1272-8)
The
● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The
● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The
● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com