Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1272-3ACSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1272-3ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-3ACSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1272-3ACSW Datasheet HTML 1Page - Linear Technology LTC1272-3ACSW Datasheet HTML 2Page - Linear Technology LTC1272-3ACSW Datasheet HTML 3Page - Linear Technology LTC1272-3ACSW Datasheet HTML 4Page - Linear Technology LTC1272-3ACSW Datasheet HTML 5Page - Linear Technology LTC1272-3ACSW Datasheet HTML 6Page - Linear Technology LTC1272-3ACSW Datasheet HTML 7Page - Linear Technology LTC1272-3ACSW Datasheet HTML 8Page - Linear Technology LTC1272-3ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1272
1272fb
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Pin 9
Pin 10
Pin 11
Pin 13
Pin 14
Pin 15
Pin 16
MNEMONIC*
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
HBEN = LOW
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
HBEN = HIGH
DB11
DB10
DB9
DB8
LOW
LOW
LOW
LOW
DB11
DB10
DB9
DB8
PI
FU C
S
TI
Data Bus Output, CS and RD = LOW
VREF (Pin 2): 2.42V Reference Output. When plugging into
an AD7572 socket, reverse the reference bypass capacitor
polarity and short the 10
Ω series resistor.
AGND (Pin 3): Analog Ground.
D11 to D4 (Pins 4-11): Three-State Data Outputs.
DGND (Pin 12): Digital Ground.
D3/11 to D0/8 (Pins 13-16): Three-State Data Outputs.
CLK IN (Pin 17): Clock Input. An external TTL/CMOS
compatible clock may be applied to this pin or a crystal can
be connected between CLK IN and CLK OUT.
CLK OUT (Pin 18): Clock Output. An inverted CLK IN signal
appears at this pin.
AIN (Pin 1): Analog Input, 0V to 5V Unipolar Input.
HBEN (Pin 19): High Byte Enable Input. This pin is used to
multiplex the internal 12-bit conversion result into the
lower bit outputs (D7 to D0/8). See table below. HBEN also
disables conversion starts when HIGH.
RD (Pin 20): Read Input. This active low signal starts a
conversion when CS and HBEN are low. RD also enables
the output drivers when CS is low.
CS (Pin 21): The Chip Select Input must be low for the ADC
to recognize RD and HBEN inputs.
BUSY (Pin 22): The BUSY Output is low when a conver-
sion is in progress.
NC (Pin 23): Not Connected Internally. The LTC1272 does
not require negative supply. This pin can accommodate
the –15V required by the AD7572 without problems.
VDD (Pin 24): Positive Supply, 5V.
*D11...D0/8 are the ADC data output pins.
DB11...DB0 are the 12-bit conversion results, DB11 is the MSB.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Integral Nonlinearity
CODE
0
–1.0
1.0
512
1024
4096
LTC1272 • TPC01
1536
2048
2560
3072
3584
0
VDD = 5V
fCLK = 4MHz
0
0.5
– 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com