Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1273ACSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1273ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1273ACSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1273ACSW Datasheet HTML 7Page - Linear Technology LTC1273ACSW Datasheet HTML 8Page - Linear Technology LTC1273ACSW Datasheet HTML 9Page - Linear Technology LTC1273ACSW Datasheet HTML 10Page - Linear Technology LTC1273ACSW Datasheet HTML 11Page - Linear Technology LTC1273ACSW Datasheet HTML 12Page - Linear Technology LTC1273ACSW Datasheet HTML 13Page - Linear Technology LTC1273ACSW Datasheet HTML 14Page - Linear Technology LTC1273ACSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1273
LTC1275/LTC1276
127356fa
S
APPLICATI
I FOR ATIO
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement of
the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]/6.02
where N is the Effective Number of Bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 300kHz the LTC1273/LTC1275/LTC1276 maintain
very good ENOBs up to the Nyquist input frequency of
150kHz. Refer to Figure 3.
INPUT FREQUENCY (Hz)
10k
0
3
5
7
10
100k
2M
LTC1273/75/76 • F03
1
4
6
9
12
11
8
2
1M
62
56
74
68
50
fSAMPLE = 300kHz
Figure 3. Effective Bits and Signal to (Noise + Distortion)
vs Input Frequency
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD = 20log
√V
2
2 + V32 + V42 ... + VN2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics. THD versus input fre-
quency is shown in Figure 4. The LTC1273/LTC1275/
LTC1276 have good distortion performance up to Nyquist
and beyond.
Figure 4. Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
–80
–60
–40
–20
0
1k
100k
1M
10M
LTC1273/75/76 • F04
–100
10k
–90
–70
–50
–30
–10
fSAMPLE = 300kHz
THD
2nd HARMONIC
3rd HARMONIC
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa
± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while the 3rd order IMD terms include (2fa + fb),
(2fa – fb), (fa + 2fb), and (fa – 2fb). If the two input sine
waves are equal in magnitude, the value (in decibels) of the
2nd order IMD products can be expressed by the following
formula:
IMD (fa ± fb) = 20log
Amplitude at (fa ± fb)
Amplitude at fa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com