Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1273ACSW Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1273ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1273ACSW Datasheet(HTML) 2 Page - Linear Technology

  LTC1273ACSW Datasheet HTML 1Page - Linear Technology LTC1273ACSW Datasheet HTML 2Page - Linear Technology LTC1273ACSW Datasheet HTML 3Page - Linear Technology LTC1273ACSW Datasheet HTML 4Page - Linear Technology LTC1273ACSW Datasheet HTML 5Page - Linear Technology LTC1273ACSW Datasheet HTML 6Page - Linear Technology LTC1273ACSW Datasheet HTML 7Page - Linear Technology LTC1273ACSW Datasheet HTML 8Page - Linear Technology LTC1273ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1273
LTC1275/LTC1276
127356fa
A
G
A
U
A
R
BSOLUTEXI
TI
S (Notes 1 and 2)
Supply Voltage (VDD) .............................................. 12V
Negative Supply Voltage (VSS)
LTC1275/LTC1276 .................................. – 6V to GND
Total Supply Voltage (VDD to VSS)
LTC1275/LTC1276 ............................................... 12V
Analog Input Voltage (Note 3)
LTC1273 .................................... – 0.3V to VDD + 0.3V
LTC1275/LTC1276 .............. VSS – 0.3V to VDD + 0.3V
Digital Input Voltage (Note 4)
LTC1273 ................................................ – 0.3V to 12V
LTC1275/LTC1276 ......................... VSS – 0.3V to 12V
Digital Output Voltage (Note 3)
LTC1273 .................................... – 0.3V to VDD + 0.3V
LTC1275/LTC1276 .............. VSS – 0.3V to VDD + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1273AC, LTC1273BC, LTC1275AC
LTC1275BC, LTC1276AC, LTC1276BC .... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
ORDER
PART NUMBER
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO WIDE
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
NC
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
N PACKAGE
24-LEAD PDIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO WIDE
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
N PACKAGE
24-LEAD PDIP
TJMAX = 110°C, θJA = 100°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (SW)
TJMAX = 110°C, θJA = 100°C/W (N)
TJMAX = 110°C, θJA = 130°C/W (SW)
LTC1275ACN
LTC1275BCN
LTC1275ACSW
LTC1275BCSW
LTC1276ACN
LTC1276BCN
LTC1276ACSW
LTC1276BCSW
LTC1273ACN
LTC1273BCN
LTC1273ACSW
LTC1273BCSW
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com