Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1273ACSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1273ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1273ACSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1273ACSW Datasheet HTML 16Page - Linear Technology LTC1273ACSW Datasheet HTML 17Page - Linear Technology LTC1273ACSW Datasheet HTML 18Page - Linear Technology LTC1273ACSW Datasheet HTML 19Page - Linear Technology LTC1273ACSW Datasheet HTML 20Page - Linear Technology LTC1273ACSW Datasheet HTML 21Page - Linear Technology LTC1273ACSW Datasheet HTML 22Page - Linear Technology LTC1273ACSW Datasheet HTML 23Page - Linear Technology LTC1273ACSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1273
LTC1275/LTC1276
127356fa
S
APPLICATI
I FOR ATIO
Figure 26.
∆Time Measurement with the LTC1273
VSS GND
AIN
REFOUT
VDD
LTC1273
CS
RD BUSY
12-BIT
DATA OUTPUT
10
µF
2N2369
20k
400k
250pF
POLYSTYRENE
620
Ω
2N5771
65
Ω
7V
5V
74HC03
65
Ω
45.3
Ω
45.3
Ω
1N457
LM134
D
CLK
Q
Q
CLR
D
CLK
Q
Q
CLR
1k
5V
5V
START
↑
5V
STOP
↑
DATA LATCH
SIGNAL
10
µF
1k
5V
100k
1N4148
0.001
µF
10k
1N457
74HC74
10pF
1k
1N4148
100pF
10k
LTC1273/75/76 • F26
2N2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com