Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB250 Datasheet(PDF) 1 Page - Emerson Network Power

Part # EXB250
Description  72-165 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB250 Datasheet(HTML) 1 Page - Emerson Network Power

  EXB250 Datasheet HTML 1Page - Emerson Network Power EXB250 Datasheet HTML 2Page - Emerson Network Power EXB250 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
72-165 W High Efficiency DC-DC Converters
1
2 YEAR WARRANTY
EXB250 Series
Single output
• High efficiency topology, 90% typical at 3.3 V
• Industry standard footprint
• Wide baseplate temperature, -40 ˚C to +100 ˚C
(natural convection)
• 90% to 110% output trim
• No minimum load
• Overvoltage protection
• Remote ON/OFF
• Available RoHS compliant
The EXB250 is a new high efficiency, open-frame, isolated 165 Watt converter series in an
industry standard half-brick footprint. The EXB250 delivers very high output current at low
voltages, and excellent useable power density for today’s high end applications. The design takes
advantage of open frame construction to provide a low weight, low thermal impedance baseplate
design. The seven models in the series feature an input voltage range of 33 Vdc to 75 Vdc and
are available in output voltages of 12 V, 5 V, 3.3 V, 2.5 V, 1.8 V, 1.5 V and 1.2 V. The output voltage
on each model is adjustable from 90% to 110% of the nominal value. Typical efficiencies for the
models are 90% for the 3.3 V, 88% for the 2.5 V and 87% for the 1.8 V version. The EXB250
series also has a remote ON/OFF capability. Overcurrent and overvoltage protection features are
included as standard. With full international safety approval including EN60950 (TÜV Rheinland)
and UL/cUL1950, the EXB250 reduces compliance costs and time to market.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
OUTPUT SPECIFICATIONS
Voltage adjustability
90% to 110%
Set point accuracy
±1.6% max.
Line regulation
1.2 V model
±0.2% max.
Low line to high line
All other models
±0.1% max.
Load regulation
Full load to min. load
±0.2% max.
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
1.2 V, 1.5 V (Z), 1.8 V (Z),
None
2.5 V (Z) and 3.3 V (Z) models
Ripple and noise
5 Hz to 20 MHz
60 mV pk-pk
20 mV rms
Transient response
6% max. deviation
(See Note 1)
150 µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
48 Vin nominal
33-75 Vdc
Input current
No load
145 mA max.
Remote OFF
35 mA max.
Input current (max.)
5.7 A max. @ Io max.
(See Note 3)
and Vin = 33-75 Vdc
Input reflected ripple
(See Note 5)
350 mA (pk-pk) typ.
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >4.0 Vdc
OFF
<1.2 Vdc
Undervoltage lockout
Power up
32.5 V (typ.)
Power down
30.5 V (typ.)
Start-up time
Power up
10 ms (typ.)
(See Note 6)
Remote ON/OFF
3 ms (typ.)
SPECIFICATIONS
File Name: exb250s.pdf Rev (02): 06 Dec 2005
TÜV
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 2)
Level A
EN55022 (See Note 2)
Level B
Immunity:
ESD air
EN61000-4-2
8 kV (NP), 15 kV (NP)
ESD contact
EN61000-4-2
6 kV (NP), 8 kV (NP)
Radiated field enclosure
EN61000-4-3
10 V/m (NP)
Conducted (DC power)
EN61000-4-6
10 V (NP)
Conducted (signal)
EN61000-4-6
10 V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational
Input/output
1500 Vdc
Input/baseplate
1500 Vdc
Switching frequency
Fixed
400 kHz typ.
Approvals and
EN60950 (TÜV Rheinland)
standards (See Note 4)
UL/cUL1950
Material flammability
UL94V-0
Weight
73 g (2.6 oz)
MTBF
Telcordia SR-332
1,598,243 hours
@ 25 °C, 100% load
ground benign
Demonstrated
>2,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate -40 °C to +100 °C
temperature
Non-operating
-40 °C to +125 °C


Similar Part No. - EXB250

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB250 ARTESYN-EXB250 Datasheet
62Kb / 2P
Single output
EXB250-48S05 ARTESYN-EXB250-48S05 Datasheet
62Kb / 2P
Single output
EXB250-48S12 ARTESYN-EXB250-48S12 Datasheet
62Kb / 2P
Single output
EXB250-48S1V2 ARTESYN-EXB250-48S1V2 Datasheet
62Kb / 2P
Single output
EXB250-48S1V5 ARTESYN-EXB250-48S1V5 Datasheet
62Kb / 2P
Single output
More results

Similar Description - EXB250

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
15 W High Efficiency DC-DC Converters
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
40 W High Efficiency DC-DC Converters
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
60 W High Efficiency DC/DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com